Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-35364B-SMT-TR Datasheet(PDF) 3 Page - CUI INC

Part # SJ2-35364B-SMT-TR
Description  tip switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-35364B-SMT-TR Datasheet(HTML) 3 Page - CUI INC

  SJ2-35364B-SMT-TR Datasheet HTML 1Page - CUI INC SJ2-35364B-SMT-TR Datasheet HTML 2Page - CUI INC SJ2-35364B-SMT-TR Datasheet HTML 3Page - CUI INC SJ2-35364B-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ MODEL: SJ2-35364B-SMT-TR │ DESCRIPTION: AUDIO JACK
date 12/12/2016
│ page 3 of 4
PACKAGING
units: mm
Reel Size: Ø381 mm
Reel QTY: 850 pcs per reel
For more information, please visit the product page.


Similar Part No. - SJ2-35364B-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35326D-SMT-TR CUI-SJ2-35326D-SMT-TR Datasheet
425Kb / 4P
   mid mount SMT for low profile designs
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
   brass bushing
SJ2-3534A-SMT-TR CUI-SJ2-3534A-SMT-TR Datasheet
416Kb / 4P
   mid mount SMT for low profile designs
SJ2-35355A-SMT-TR CUI-SJ2-35355A-SMT-TR Datasheet
479Kb / 4P
   mid mount SMT for low profile designs
More results

Similar Description - SJ2-35364B-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
   tip switch
logo
American Electronic Com...
T03-1002 AEC-T03-1002 Datasheet
178Kb / 1P
   Tip Over Switch . Mercury
T03-1016 AEC-T03-1016 Datasheet
178Kb / 1P
   Tip Over Switch ??Mercury
T03-1054 AEC-T03-1054 Datasheet
182Kb / 1P
   Tip Over Switch ??Mercury
4770 AEC-4770 Datasheet
164Kb / 1P
   Tip Over Switch ??Mercury
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
logo
American Electronic Com...
20599 AEC-20599 Datasheet
173Kb / 1P
   Tip Over Switch ??Mercury
T03-1010 AEC-T03-1010 Datasheet
192Kb / 1P
   Tip Over Switch ??Mercury
20110 AEC-20110 Datasheet
186Kb / 1P
   Tip Over Switch - Mercury
T03-1005 AEC-T03-1005 Datasheet
182Kb / 1P
   Tip Over Switch ??Mercury
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com