Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3405 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT3405
Description  35-W 48-V Input Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3405 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT3405 Datasheet HTML 2Page - Texas Instruments PT3405 Datasheet HTML 3Page - Texas Instruments PT3405 Datasheet HTML 4Page - Texas Instruments PT3405 Datasheet HTML 5Page - Texas Instruments PT3405 Datasheet HTML 6Page - Texas Instruments PT3405 Datasheet HTML 7Page - Texas Instruments PT3405 Datasheet HTML 8Page - Texas Instruments PT3405 Datasheet HTML 9Page - Texas Instruments PT3405 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Operating Features of the PT3400 Series
of Isolated DC/DC Converters
Under-Voltage Lockout
An Under-Voltage Lock-Out (UVLO) inhibits the opera-
tion of the converter until the input voltage is above the
UVLO threshold (see the data sheet specification). Below
this voltage, the module’s output is held off, irrespective
of the state of either the EN1 & EN2 enable controls.
The UVLO allows the module to produce a clean transi-
tion during both power-up and power-down, even when
the input voltage is rising or falling slowly. It also reduces
the high start-up current during normal power-up of the
converter, and minimizes the current drain from the
input source during low-input voltage conditions. The
UVLO threshold includes about 1V of hysteresis.
If EN2 (pin 2) is connected to -Vin (pin 3) and EN1 (pin 1)
is left open, the module will automatically power up when
the input voltage rises above the UVLO threshold (see
data sheet ‘Standard Application’ schematic). Once
operational, the converter will conform to its operating
specifications when the minimum specified input voltage
is reached.
Over-Current Protection
To protect against load faults, the PT3400 series incor-
porates output over-current protection. Applying a load
that exceeds the converter’s over-current threshold (see
applicable specification) will cause the regulated output
to shut down. Following shutdown the module will peri-
odically attempt to automatically recover by initiating a
soft-start power-up. This is often described as a “hiccup”
mode of operation, whereby the module continues in the
cycle of succesive shutdown and power up until the load
fault is removed. Once the fault is removed, the converter
then automatically recovers and returns to normal op-
eration.
Primary-Secondary Isolation
Electrical isolation is provided between the input termi-
nals (primary) and the output terminals (secondary). All
converters are production tested to a primary-secondary
withstand voltage of 1500VDC. This specification com-
plies with UL60950 and EN60950 and the requirements
for operational isolation. Operational isolation allows these
converters to be configured for either a positive or negative
input voltage source. The data sheet ‘Pin-Out Information’
uses shading to indicate which pins are associated with the
primary. They include pins 1 through 4, inclusive.
Input Current Limiting
The converter is not internally fused. For safety and
overall system protection, the maximum input current to
the converter must be limited. Active or passive current
limiting can be used. Passive current limiting can be a
fast acting fuse. A 125-V fuse, rated no more than 5A, is
recommended. Active current limiting can be imple-
mented with a current limited “Hot-Swap” controller.
Thermal Considerations
Airflow may be necessary to ensure that the module can
supply the desired load current in environments with
elevated ambient temperatures. The required airflow
rate may be determined from the Safe Operating Area
(SOA) thermal derating chart (see converter specifica-
tions). The recommended direction for airflow is into the
longest side of the module’s metal case. See Figure 1-1.
Figure 1-1
PT3400 Series
Recommended direction for airflow is
into (perpendicular to) the longest side
Application Notes


Similar Part No. - PT3405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3405 TI1-PT3405 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
PT3405A TI1-PT3405A Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
More results

Similar Description - PT3405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com