Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6511 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT6511
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT6511 Datasheet HTML 6Page - Texas Instruments PT6511 Datasheet HTML 7Page - Texas Instruments PT6511 Datasheet HTML 8Page - Texas Instruments PT6511 Datasheet HTML 9Page - Texas Instruments PT6511 Datasheet HTML 10Page - Texas Instruments PT6511 Datasheet HTML 11Page - Texas Instruments PT6511 Datasheet HTML 12Page - Texas Instruments PT6511 Datasheet HTML 13Page - Texas Instruments PT6511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application Notes continued
For technical support and further information, visit http://power.ti.com
PT6510 Series
Table 4-2
PT6500 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6515
PT6512
PT6516
PT6513
PT6511
PT6514
Vo (nom)
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
3.6 V
Va (req’d)
1.15
(5.5) k
1.2
1.25
47.8 k
1.3
22.9 k
(1.7) k
1.35
14.6 k
(3.8) k
1.4
10.5 k
(8.0) k
(0.5) k
1.45
8.0 k
(20.4) k
(1.2) k
1.5
6.3 k
(2.2) k
1.55
5.1 k
47.8 k
(3.5) k
1.6
4.2 k
22.9 k
(5.5) k
1.65
3.5 k
14.6 k
(8.8) k
1.7
3.0 k
10.5 k
(15.4) k
1.75
2.5 k
8.0 k
(35.4) k
1.8
2.2 k
6.3 k
(1.5) k
1.85
1.8 k
5.1 k
47.8 k
(2.3) k
1.9
1.6 k
4.2 k
22.9 k
(3.3) k
1.95
1.3 k
3.5 k
14.6 k
(4.4) k
2.0
1.1 k
3.0 k
10.5 k
(5.8) k
2.05
0.9 k
2.5 k
8.0 k
(7.4) k
2.1
0.8 k
2.2 k
6.3 k
(9.5) k
2.15
0.6 k
1.8 k
5.1 k
(12.2) k
2.2
0.5 k
1.6 k
4.2 k
(15.7) k
2.25
0.4 k
1.3 k
3.5 k
(20.7) k
(2.3) k
2.3
0.3 k
1.1 k
3.0 k
(28.2) k
(3.6) k
2.35
0.2 k
0.9 k
2.5 k
(40.7) k
(5.1) k
2.4
0.8 k
2.2 k
(65.6) k
(6.7) k
2.45
0.6 k
1.8 k
(140.0) k
(8.5) k
2.5
0.5 k
1.6 k
(10.6) k
(1.5) k
2.55
0.4 k
1.3 k
95.6 k
(12.9) k
(2.7) k
2.6
0.3 k
1.1 k
45.7 k
(15.6) k
(3.9) k
2.65
0.2 k
6.9 k
29.0 k
(18.6) k
(5.3) k
2.7
0.8 k
20.7 k
(22.2) k
(6.8) k
2.75
0.6 k
15.7 k
(26.4) k
(8.5) k
2.8
0.5 k
12.4 k
(31.5) k
(10.4) k
2.85
0.4 k
10.0 k
(37.6) k
(12.6) k
2.9
0.3 k
8.3 k
(45.4) k
(15.0) k
2.95
0.2 k
0.9 k
(55.3) k
(17.9) k
3.0
5.8 k
(68.6) k
(21.2) k
3.1
4.1 k
(115.0) k
(29.9) k
3.2
2.9 k
(254.0) k
(42.9) k
3.3
2.0 k
(64.6) k
3.4
1.3 k
109.0 k
(108.0) k
3.5
0.8 k
48.4 k
(238.0) k
3.6
28.2 k
3.7
18.2 k
87.9 k
3.8
12.1 k
37.9 k
3.9
4/.
Vout >3.8 Vdc requires Vin >5 Vdc !
8.1 k
21.2 k
4.0
5.2 k
12.9 k
4.1
3.0 k
7.9 k
4.2
1.3 k
4.6 k
4.3
2.2 k
R1 = (Blue)
R2 = Black


Similar Part No. - PT6511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6511 TI1-PT6511 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
List of Unclassifed Man...
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
logo
Texas Instruments
PT6511A TI1-PT6511A Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
PT6511B TI1-PT6511B Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
PT6511CT TI1-PT6511CT Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
More results

Similar Description - PT6511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6520 TI-PT6520 Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com