Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-35863B-SMT Datasheet(PDF) 1 Page - CUI INC

Part # SJ2-35863B-SMT
Description  narrow footprint
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-35863B-SMT Datasheet(HTML) 1 Page - CUI INC

  SJ2-35863B-SMT Datasheet HTML 1Page - CUI INC SJ2-35863B-SMT Datasheet HTML 2Page - CUI INC SJ2-35863B-SMT Datasheet HTML 3Page - CUI INC SJ2-35863B-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/19/2016
page 1 of 4
cui.com
SERIES: SJ2-3586X-SMT
│ DESCRIPTION: AUDIO JACK
FEATURES
• narrow footprint
• right angle
• reflow solder compatible
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance3
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
3. When measured at a current of less than 100 mA/1 kHz
4. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
Switch Options:
A = no switch
A12 = no switch
B = tip switch
B12 = tip switch
SJ2-3586 X X - SMT-TR
# Conductors:
21 = 2
3 = 3
Package Style:
SMT = surface mount
Packaging:
TR = Tape & Reel
Note:
1. 2 conductor option only available with tip switch (B version)
2. Additional sleeve contact
For more information, please visit the product page.


Similar Part No. - SJ2-35863B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ2-35863B1-SMT-TR CUID-SJ2-35863B1-SMT-TR Datasheet
450Kb / 4P
   AUDIO JACK
11/15/2022
More results

Similar Description - SJ2-35863B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
logo
Yamaichi Electronics Co...
IC179Z-28450-500 YAMAICHI-IC179Z-28450-500 Datasheet
62Kb / 2P
   SOP - Ident. Footprint and Narrow Housing (SMT)
logo
STANLEY ELECTRIC CO.,LT...
PS1195WB STANLEY-PS1195WB Datasheet
602Kb / 10P
   Narrow Distribution
AN3803X-4B0 STANLEY-AN3803X-4B0 Datasheet
857Kb / 11P
   Narrow Distribution
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sharp Corporation
PT480 SHARP-PT480 Datasheet
54Kb / 4P
   Narrow Acceptance Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
Marktech Corporate
PT060PP MARKTECH-PT060PP Datasheet
61Kb / 1P
   Narrow Angular Response
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com