Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5800 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PT5800
Description  18-A 5-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT5800 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PT5800 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 9Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 10Page - List of Unclassifed Manufacturers PT5800 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT5800 & PT5810 Series
Adjusting the Output Voltage of the PT5800 &
PT5810 Step-Down Series of Regulators
Using Margin Up/ Margin Down
The Margin Up* (pin 4) and Margin Dn* (pin 3) control
inputs allow the output voltage to be easily adjusted by
up to ±5% of the nominal set-point voltage. To activate,
simply connect the appropriate control input to the Sense(–)
(pin 8), or the local starpoint ground. Either a logic level
MOSFET or a p-channel JFET is recommended for this
purpose. For further information see the related applica-
tion note on this feature.
Using the ‘V
o
Adjust’ Control
For a more permanent and precise adjustment, use the
Vo Adjust control (pin 1). The Vo Adjust control allows
adjustment in any increment by up to ±10% of the set-
point. The adjustment method requires the addition of a
single external resistor. Table 5-1 gives the allowable
adjustment range for each model of the series as Va (min)
and Va (max). The value of the external resistor can either
be calculated using the formulas given below, or simply
selected from the range of values provided in Table 5-2.
Refer to Figure 5-1 for the placement of the required
resistor. Use the resistor R1 to adjust up, and the resistor
(R2) to adjust down.
Adjust Up: An increase in the output voltage is obtained
by adding a resistor R1, between Vo Adjust (pin 1) and
Sense(–) (pin 8). See Figure 5-1.
Adjust Down: Add a resistor (R2), between Vo Adjust (pin 1)
and Sense(+) (pin 18). See Figure 5-1.
Figure 5-1; V
o
Adjust Resistor Placement
Vo Adjust Resistor Calculations
The values of R1 [adjust up] and (R2) [adjust down] can
also be calculated using the following formulas. Again, use
Figure 5-1for the placement of the required resistor;
either R1 or (R2) as appropriate.
R1
=
Vr · Ro
– 24.9
k
Va – Vo
(R2)
=
Ro (Va – Vr)
– 24.9
k
Vo – Va
Where: Vo = Original output voltage
Va = Adjusted output voltage
Vr = The reference voltage in Table 5-1
Ro = The resistance constant in Table 5-1
Table 5-1
ISR OUTPUT VOLTAGE ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt. No.
5.0V Bus
PT5801
PT5802
PT5803
PT5804
PT5805
PT5806
3.3V Bus
N/A
PT5812 4
PT5813
PT5814
PT5815
PT5816
Vo (nom)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
Va (min)
2.6V
2.0V
1.52V
1.31V
1.1V
0.94V
Va (max)
3.63V
2.8V #
2.1V
1.82V
1.52V
1.32V
Vr
0.8V
0.8V
0.8V
0.8V
0.8V
0.8V
Ro (k
Ω)
10.2
10.7
10.2
9.76
10.0
10.2
# The PT5812 should not be adjusted higher than its nominal output voltage of 2.5V. See note 4.
Notes:
1. Use a 1% (or better) tolerance resistor in either the R1 or
(R2) location. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the ISR.
3. If the remote sense feature is not being used, the adjust
resistor (R2) can be connected to Vout, (pins 14-17) instead
of Sense (+).
PT5800/5810
9–13
1
18
14–17
8
C
OUT
330µF
GND
V
OUT
Sense (+) [Note 3]
Sense (–)
(R
2)
Adj Down
V
O Adj
GND
Sense(+)
Sense(–)
V
OUT
R
1
Adjust Up
4. The PT5812 may not be adjusted higher than the
nominal output voltage of 2.5V. There is insufficient
input voltage between Vin and Vout to accommodate
an increase in the output voltage.


Similar Part No. - PT5800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5800 TI1-PT5800 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
Tyco Electronics
PT580024 MACOM-PT580024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
More results

Similar Description - PT5800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com