Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN008-75P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN008-75P
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN008-75P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN008-75P Datasheet HTML 3Page - NXP Semiconductors PSMN008-75P Datasheet HTML 4Page - NXP Semiconductors PSMN008-75P Datasheet HTML 5Page - NXP Semiconductors PSMN008-75P Datasheet HTML 6Page - NXP Semiconductors PSMN008-75P Datasheet HTML 7Page - NXP Semiconductors PSMN008-75P Datasheet HTML 8Page - NXP Semiconductors PSMN008-75P Datasheet HTML 9Page - NXP Semiconductors PSMN008-75P Datasheet HTML 10Page - NXP Semiconductors PSMN008-75P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
PSMN008-75P; PSMN008-75B
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 18 September 2000
7 of 14
9397 750 07495
© Philips Electronics N.V. 2000. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 10. Gate-source threshold voltage as a function of
junction temperature.
Fig 11. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C and 175 °C; VDS > ID × RDSon
VGS = 0 V; f = 1 MHz
Fig 12. Forward transconductance as a function of
drain current; typical values.
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa32
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-60
-20
20
60
100
140
180
V
GS(th)
T
j
(
o
C)
(V)
max.
typ.
min
03aa35
10-6
10-5
10-4
10-3
10-2
10-1
01
23
45
max
typ
min
V
GS
(V)
ID
(A)
03ac71
0
10
20
30
40
50
60
70
80
90
100
0
10203040
5060708090 100
ID (A)
(S)
g
fs
VDS > ID X RDSon
Tj = 25
o
C
175
o
C
03ac68
102
103
104
10-1
1
10
102
VDS (V)
Ciss, Coss,
Crss (pF)
Ciss
Coss
Crss


Similar Part No. - PSMN008-75P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN008-75P NXP-PSMN008-75P Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-10 December 2009
logo
Nexperia B.V. All right...
PSMN008-75P NEXPERIA-PSMN008-75P Datasheet
335Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04 - 10 December 2009
More results

Similar Description - PSMN008-75P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com