Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ARS25A Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. ARS25A
Description  HIGH CURRENT AUTOMOBILE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ARS25A Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  ARS25A_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. ARS25A_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. ARS25A_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
ARS25A thru ARS25M
FIG. 1 – FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE (℃)
20
10
0
0
30
40
50
25
50
75
100
125
175
150
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE LOAD.
CAPACITIVE LOAD
IPK/IAV=5,10 & 20
5
NUMBER OF CYCLES @ 60HZ
FIG.2-MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
80
60
200
600
100
400
5
12
10
20
50
100
PULSE WIDTH 8.3ms
SINGLE Half-Sine-Wave
(JEDEC METHOD)
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.6
1.0 1.2
2.0
2.6
1.8
2.2 2.4
1.4 1.6
0.8
600
20
10
5
2
1
0.5
0.2
200
100
50
700
TJ = 25
PULSEWIDTH=300us
3% DUTY CYCLE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED
PEAK REVERSE VOLTAGE,(%)
1
0.1
10
0
20
40
80
140
60
100 120
100
40
20
4
2
0.4
0.2
TJ=100
TJ=25
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
80
60
200
100
500
5
12
10
20
50
100
TJ=25
10
20


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn