Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ARS25A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. ARS25A
Description  HIGH CURRENT AUTOMOBILE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ARS25A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ARS25A_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. ARS25A_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. ARS25A_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Utilizing viod-free molded plastic technique
Low power loss
High Surge Capability
High temperature soldering guaranteed:
265℃/10S
MECHANICAL DATA
Terminal:Plated axial terminals solderable per
MIL STD-202E,Method 208C
Case: Molded with UL-94 Class V-O recognized
flame retardant epoxy
Polarity: Color ring denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL ARS25A ARS25B ARS25D ARS25G ARS25J ARS25K ARS25M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Instantaneous Forward Voltage
(at Rated Forward Current)
Maximum DC Reverse Current @TA=25℃
at Rated DC Bolcking Voltage @TA=150℃
Typical Junction Capacitance Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Polarity and Voltage Denotation Color Ring
Red
Yellow
Orange
Silver
Green
Blue
Violet
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
300
1.0
2.Thermal resistance from junction of ambient.
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
-55 to +150
1.1
VF
IR
10
1000
ARS25A thru ARS25M
Dimensions in inches and (millimeters)
HIGH CURRENT
AUTOMOBILE RECTIFIER
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT - 25 Amperes
I(AV)
25
A
V
uA
IFSM
400
A
-55 to +150
ARS
.225(5.7)
.215(5.5)
.347(8.9)
.327(8.3)
.250(6.4)
.235(6.0)
. 185(4.7)
. 165(4.2)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn