Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-25964C-SMT Datasheet(PDF) 3 Page - CUI INC

Part # SJ2-25964C-SMT
Description  gold flash terminal plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-25964C-SMT Datasheet(HTML) 3 Page - CUI INC

  SJ2-25964C-SMT Datasheet HTML 1Page - CUI INC SJ2-25964C-SMT Datasheet HTML 2Page - CUI INC SJ2-25964C-SMT Datasheet HTML 3Page - CUI INC SJ2-25964C-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SJ2-2596X-SMT │ DESCRIPTION: AUDIO JACK
date 12/07/2016
│ page 3 of 4
150
50
270
260
250
240
217
180
120
60
70
140
250340
380430
60
120
180
240300
360
420
480
Time (sec)
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow profile
255
260
265
°C
PACKAGING
units: mm
Reel Size: Ø330 mm
Reel QTY: 1,200 pcs per reel
A: Empty 160 mm min.
B: Empty 100 mm min.
C: Cover 400 mm min.
For more information, please visit the product page.


Similar Part No. - SJ2-25964C-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-25912B-SMT CUI-SJ2-25912B-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913A-SMT CUI-SJ2-25913A-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913B-SMT CUI-SJ2-25913B-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913C-SMT CUI-SJ2-25913C-SMT Datasheet
696Kb / 4P
   multiple switch configurations
SJ2-25913D-SMT CUI-SJ2-25913D-SMT Datasheet
696Kb / 4P
   multiple switch configurations
More results

Similar Description - SJ2-25964C-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-3598X-SMT CUI-SJ2-3598X-SMT Datasheet
692Kb / 4P
   gold flash terminal plating
SJ2-2593X-SMT CUI-SJ2-2593X-SMT Datasheet
733Kb / 4P
   gold flash terminal plating
SJ2-25504B-SMT-TR CUI-SJ2-25504B-SMT-TR Datasheet
476Kb / 4P
   gold flash terminal plating
SJ2-3504X-SMT CUI-SJ2-3504X-SMT Datasheet
535Kb / 4P
   gold flash terminal plating
SJ2-2504D-SMT-TR CUI-SJ2-2504D-SMT-TR Datasheet
593Kb / 4P
   gold flash terminal plating
SJ2-2541X-SMT CUI-SJ2-2541X-SMT Datasheet
668Kb / 4P
   gold flash terminal plating
SJ2-3544A-SMT-TR CUI-SJ2-3544A-SMT-TR Datasheet
451Kb / 4P
   gold flash terminal plating
SJ-25014A-SMT-TR CUI-SJ-25014A-SMT-TR Datasheet
548Kb / 4P
   gold flash terminal plating
SJ2-25504D-SMT-TR CUI-SJ2-25504D-SMT-TR Datasheet
526Kb / 4P
   gold flash terminal plating
SJ2-2531X-SMT CUI-SJ2-2531X-SMT Datasheet
740Kb / 4P
   gold flash terminal plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com