Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2020-01TR Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM2020-01TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2020-01TR Datasheet(HTML) 1 Page - ON Semiconductor

  CM2020-01TR Datasheet HTML 1Page - ON Semiconductor CM2020-01TR Datasheet HTML 2Page - ON Semiconductor CM2020-01TR Datasheet HTML 3Page - ON Semiconductor CM2020-01TR Datasheet HTML 4Page - ON Semiconductor CM2020-01TR Datasheet HTML 5Page - ON Semiconductor CM2020-01TR Datasheet HTML 6Page - ON Semiconductor CM2020-01TR Datasheet HTML 7Page - ON Semiconductor CM2020-01TR Datasheet HTML 8Page - ON Semiconductor CM2020-01TR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 5
1
Publication Order Number:
CM2020−01TR/D
CM2020-01TR
HDMI Transmitter Port
Protection and Interface
Device
Product Description
The CM2020−01TR HDMI Transmitter Port Protection and
Interface Device is specifically designed for next generation HDMI
Source interface protection.
An integrated package provides all ESD, level shift, overcurrent
output protection and backdrive protection for an HDMI port in
a single 38−Pin TSSOP package.
The CM2020−01TR part is specifically designed to complement the
CM2021 protection part in HDMI receivers (displays, DTV,
CE devices, etc.)
The CM2020−01TR also incorporates a silicon overcurrent
protection device for +5 V supply voltage output to the connector.
Features
HDMI 1.3 Compliant
0.05 pF Matching Capacitance between the TMDS Intra−Pair
Overcurrent Output Protection
Level Shifting/Isolation Circuitry
±8 kV ESD Protection on all External Lines
Matched 0.5 mm Trace Spacing (TSSOP)
Simplified Layout for HDMI Connectors
Backdrive Protection
These Devices are Pb−Free and are RoHS Compliant
Applications
PC
Consumer Electronics
Set Top Box
DVD/RW Players
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
CM2020−01TR
TSSOP−38
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
TSSOP 38
TR SUFFIX
CASE 948AG
CM2020−01TR = Specific Device Code
CM2020−01TR


Similar Part No. - CM2020-01TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results

Similar Description - CM2020-01TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com