Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2020-00TR Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM2020-00TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2020-00TR Datasheet(HTML) 5 Page - ON Semiconductor

  CM2020-00TR_11 Datasheet HTML 1Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 2Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 3Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 4Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 5Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 6Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 7Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 8Page - ON Semiconductor CM2020-00TR_11 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CM2020−00TR
http://onsemi.com
5
SPECIFICATIONS (Cont’d)
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC5V
Operating Supply Current
5V_SUPPLY = 5.0 V
110
130
mA
ICCLV
Bias Supply Current
LV_SUPPLY = 3.3 V
1
5
mA
VDROP
5V_OUT Overcurrent Output Drop
5V_SUPPLY = 5.0 V,
IOUT = 55 mA
65
100
mV
ISC
5V_OUT Short Circuit Current Limit
5V_SUPPLY = 5.0 V,
5V_OUT = GND
90
135
175
mA
IOFF
OFF State Leakage Current, Level Shifting
NFET
LV_SUPPLY = 0 V
0.1
5.0
mA
IBACKDRIVE
Current Conducted from Output Pins to
V_SUPPLY Rails when Powered Down
5V_SUPPLY < VCH_OUT
Signal Pins: TMDS_D[2:0]+/−,
TMDS_CK+/−, CE_REMOTE_OUT,
DDC_DAT_OUT, DDC_CLK_OUT,
HOTPLUG_DET_OUT, 5V_OUT
Only
0.1
5.0
mA
IBACKDRIVE,
CEC
Current through CE−REMOTE_OUT when
Powered Down
CE−REMOTE_IN = LV_SUPPLY <
CE_REMOTE_OUT
0.1
1.0
mA
VON
VOLTAGE Drop Across Level Shifting NFET
when ON
LV_SUPPLY = 2.5 V, VS = GND,
IDS = 3 mA
75
95
140
mV
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 8 mA, TA = 25°C
0.60
0.60
0.85
0.85
0.95
0.95
V
VESD
ESD Withstand Voltage, Contact Discharge
per IEC 61000−4−2 Standard (IEC)
Pins 4, 7, 10, 13, 20, 21, 22, 23, 24,
27, 30, 33, 38; TA = 25°C (Note 2)
±8
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
TA = 25°C, IPP = 1 A, tP = 8/20 uS
(Note 3)
10.8
−2.1
V
RDYN
Dynamic Resistance
Positive Transients
Negative Transients
IPP = 1 A, tP = 8/20 mS, TA = 25°C
(Note 3)
1.4
0.9
W
ILEAK
TMDS Channel Leakage Current
TA = 25°C
0.01
1
mA
CIN, TMDS
TMDS Channel Input Capacitance
5V_SUPPLY = 5.0 V, Measured at
1 MHz, VBIAS = 2.5 V
0.9
1.2
pF
DCIN, TMDS
TMDS Channel Input Capacitance Matching
5V_SUPPLY = 5.0 V, Measured at
1 MHz, VBIAS = 2.5 V (Note 4)
0.05
pF
CIN, DDC
Level Shifting Input Capacitance, Capacitance
to GND
5V_SUPPLY = 5.0 V, Measured at
100 kHz, VBIAS = 2.5 V (Note 2)
3.5
4
pF
CIN, CEC
Level Shifting Input Capacitance, Capacitance
to GND
5V_SUPPLY = 5.0 V, Measured at
100 kHz, VBIAS = 2.5 V
3.5
4
pF
CIN, HP
Level Shifting Input Capacitance, Capacitance
to GND
5V_SUPPLY = 5.0 V, Measured at
100 kHz, VBIAS = 2.5 V
3.5
4
pF
1. Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
2. Standard IEC 61000−4−2, CDISCHARGE = 150 pF, RDISCHARGE = 330 W, 5V_SUPPLY and LV_SUPPLY within recommended operating
conditions, GND = 0 V and ESD_BYP (pin 37), 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1 mF ceramic
capacitor connected to GND.
3. These measurements performed with no external capacitor on ESD_BYP.
4. Intra−pair matching, each TMDS pair (i.e. D+, D−).


Similar Part No. - CM2020-00TR_11

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020-00TR CALMIRCO-CM2020-00TR Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results

Similar Description - CM2020-00TR_11

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com