Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8401ADTRKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8401ADTRKG
Description  Self-Protected Low Side Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8401ADTRKG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8401ADTRKG Datasheet HTML 1Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 2Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 3Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 4Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 5Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 6Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 7Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 8Page - ON Semiconductor NCV8401ADTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCV8401A, NCV8401B
www.onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Clamped Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
(VGS = 0 Vdc, ID = 250 mAdc, TJ = 150°C) (Note 4)
V(BR)DSS
42
42
46
44
50
50
Vdc
Zero Gate Voltage Drain Current
(VDS = 32 Vdc, VGS = 0 Vdc)
(VDS = 32 Vdc, VGS = 0 Vdc, TJ = 150°C) (Note 4)
IDSS
1.5
6.5
5.0
mAdc
Gate Input Current
(VGS = 5.0 Vdc, VDS = 0 Vdc)
IGSSF
50
100
mAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = 1.2 mAdc)
Threshold Temperature Coefficient
VGS(th)
1.0
1.8
5.0
2.0
Vdc
−mV/
°C
Static Drain−to−Source On−Resistance (Note 5)
(VGS = 10 Vdc, ID = 5.0 Adc, TJ @ 25°C)
(VGS = 10 Vdc, ID = 5.0 Adc, TJ @ 150°C) (Note 4)
RDS(on)
23
43
29
55
mW
Static Drain−to−Source On−Resistance (Note 5)
(VGS = 5.0 Vdc, ID = 5.0 Adc, TJ @ 25°C)
(VGS = 5.0 Vdc, ID = 5.0 Adc, TJ @ 150°C) (Note 4)
RDS(on)
28
50
34
60
mW
Source−Drain Forward On Voltage
(IS = 5 A, VGS = 0 V)
VSD
0.80
1.1
V
SWITCHING CHARACTERISTICS (Note 4)
Turn−ON Time (10% VIN to 90% ID)
VIN = 0 V to 5 V, VDD = 25 V
ID = 1.0 A, Ext RG = 2.5 W
tON
41
50
ms
Turn−OFF Time (90% VIN to 10% ID)
tOFF
129
150
Turn−ON Time (10% VIN to 90% ID)
VIN = 0 V to 10 V, VDD = 25 V,
ID = 1.0 A, Ext RG = 2.5 W
tON
16
25
Turn−OFF Time (90% VIN to 10% ID)
tOFF
164
180
Slew−Rate ON (80% VDS to 50% VDS)
Vin = 0 to 10 V, VDD = 12 V,
RL = 4.7 W
−dVDS/dtON
1.27
2.0
V
/ms
Slew−Rate OFF (50% VDS to 80% VDS)
dVDS/dtOFF
0.36
0.75
SELF PROTECTION CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Current Limit
VGS = 5.0 V, VDS = 10 V
VGS = 5.0 V, TJ = 150°C (Note 4)
ILIM
25
11
30
16
35
21
Adc
VGS = 10 V, VDS = 10 V
VGS = 10 V, TJ = 150°C (Note 4)
30
18
35
25
40
28
Temperature Limit (Turn−off)
VGS = 5.0 V (Note 4)
TLIM(off)
150
175
200
°C
Thermal Hysteresis
VGS = 5.0 V
DTLIM(on)
15
°C
Temperature Limit (Turn−off)
VGS = 10 V (Note 4)
TLIM(off)
150
165
185
°C
Thermal Hysteresis
VGS = 10 V
DTLIM(on)
15
°C
GATE INPUT CHARACTERISTICS (Note 4)
Device ON Gate Input Current
VGS = 5 V ID = 1.0 A
IGON
50
100
mA
VGS = 10 V ID = 1.0 A
400
700
Current Limit Gate Input Current
VGS = 5 V, VDS = 10 V
IGCL
0.1
0.5
mA
VGS = 10 V, VDS = 10 V
0.7
1.0
Thermal Limit Fault Gate Input Current
VGS = 5 V, VDS = 10 V
IGTL
0.6
1.0
mA
VGS = 10 V, VDS = 10 V
2.0
4.0
ESD ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Note 4)
Electro−Static Discharge Capability
Human Body Model (HBM)
Machine Model (MM)
ESD
4000
400
V
4. Not subject to production testing.
5. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.


Similar Part No. - NCV8401ADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401ADTRKG ONSEMI-NCV8401ADTRKG Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8401ADTRKG ONSEMI-NCV8401ADTRKG Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
More results

Similar Description - NCV8401ADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com