Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8461 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8461
Description  Self Protected High Side Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8461 Datasheet HTML 1Page - ON Semiconductor NCV8461 Datasheet HTML 2Page - ON Semiconductor NCV8461 Datasheet HTML 3Page - ON Semiconductor NCV8461 Datasheet HTML 4Page - ON Semiconductor NCV8461 Datasheet HTML 5Page - ON Semiconductor NCV8461 Datasheet HTML 6Page - ON Semiconductor NCV8461 Datasheet HTML 7Page - ON Semiconductor NCV8461 Datasheet HTML 8Page - ON Semiconductor NCV8461 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCV8461
www.onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (VD = 13.5 V; −40°C < TJ < 150°C unless otherwise specified)
Rating
Unit
Value
Conditions
Symbol
Rating
Unit
Max
Typ
Min
Conditions
Symbol
PROTECTION FUNCTIONS (Note 4)
Output Current Limit Initial
Peak
Ilim
TJ = −40°C, VD = 20 V (Note 3)
TJ = 25°C
TJ = 150°C (Note 3)
0.7
1.2
2
A
Repetitive Short Circuit Current
Limit
Ilim(SC)
TJ = TJt (Note 3)
1
A
Switch Off Output Clamp Volt-
age
Vclamp
ID = 4 mA, Vin = 0 V
VD
41
VD
47
V
DIAGNOSTICS CHARACTERISTICS
Short Circuit Detection Voltage
VOUT(SC)
2.8
V
Openload Off State Detection
Threshold
VOL
Vin = 0 V
1.5
3.5
V
Openload Detection Current
IL(OL)
5
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Not subjected to production testing
4. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper hardware/software strategy. If the devices operates under abnormal conditions this hardware/software solutions
must limit the duration and number of activation cycles. AEC Q100−12 results available upon request.
Table 4. STATUS PIN TRUTH TABLE
Conditions
Input
Output
Status
Normal Operation
L
H
L
H
H
H
Short Circuit to GND
L
H
L
L*
H
L
Short to VD (OFF State)
L
H
H
H
L
H
Current Limitation
L
H
L
H**
H
H
Overtemperature
L
H
L
L
H
L
OFF State Open Load
L
H
H
H
L
H
* Output = “L”; VOUT < 2 V typ.
** Output = “H”; VOUT > 2 V typ.


Similar Part No. - NCV8461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461-D ONSEMI-NCV8461-D Datasheet
117Kb / 7P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
December, 2012 ??Rev. 0
NCV8461DR2G ONSEMI-NCV8461DR2G Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
More results

Similar Description - NCV8461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
   Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com