Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL10B105KO8NNNC Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # CL10B105KO8NNNC
Description  11-Channel Level Shifter with Gate Voltage Shaping and Discharge Functions
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

CL10B105KO8NNNC Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  CL10B105KO8NNNC Datasheet HTML 1Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 2Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 3Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 4Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 5Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 6Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 7Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 8Page - MagnaChip Semiconductor. CL10B105KO8NNNC Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Confidential
Datasheet Version 1.1
June 2016. Revision 1.1
MagnaChip Semiconductor Ltd.
4
Electrical Characteristics
VIN=3.3V, VGH = 20V, VGL = -8.5V : TA=-25℃ to +85℃, Typical values are at TA=25℃(unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
General Section
VIN
Input Voltage Range
2.2
3.3
5.0
V
IQ
Quiescent Current
LS Input =GND, No Load
0.01
1
mA
IGH
VGH Supply Current
LS Input =GND, No Load
1
2
mA
IGL
VGL Supply Current
LS Input =GND, No Load
0.3
0.5
mA
VIN_UVLO_H
VIN UVLO Rising Threshold
2.0
V
TLIMIT
Thermal Shutdown
(Note1)
150
THYST
Thermal Shutdown Hysteresis
(Note1)
30
Level Shifter
VGH
VGH Input Voltage Range
VIN=3.3V
5
20
37.5
V
VGL
VGL Input Voltage Range
VIN=3.3V
-15
-8.5
-5
V
VGH-VGL
VGH to VGL Voltage Range
(Note1)
VIN=3.3V
10
53
V
VOH
Output High Voltage
IH=-10mA
VGH-1
V
VOL
Output Low Voltage
IH=+10mA
VGL+1
V
VGH_UVLO_H
VGH UVLO Rising Threshold
4
V
VGH_UVLO_H
VGH UVLO Falling Threshold
3
V
tPH
Propagation Rising Delay
CLOAD=100pF, 50% to 50%
100
200
ns
tPL
Propagation Falling Delay
CLOAD=100pF, 50% to 50%
150
300
ns
tR
Rising time
CLOAD=100pF, 10% to 90%
10
70
ns
tF
Falling time
CLOAD=100pF, 90% to 10%
15
70
ns
tin_min
Minimum On time
(Note1)
100
ns
fMAX
Maximum Operating Frequency
(Note1)
CLOAD=100pF
200
kHz
RRE
RE Resistance
(Note1)
300
ROH
CLK1~6 Output Impedance
IOH=-10mA
12
ROL
CLK1~6 Output Impedance
IOH=+10mA
7
ROH
ODD, DSCH, VGH, BRST
Output Impedance
IOH=-10mA
35
ROL
ODD, DSCH, VGH, BRST
Output Impedance
IOH=+10mA
16
Discharging
VDIS
Enable Start
(Note1)
ALL-H Falling
1.8
V
VALL_H_IH
ALL_H High Level Input Voltage
1.4
V
VALL_H_IL
ALL_H Low Level Input Voltage
0.6
V
Logic Input (GST, ONCLK, OFFCLK, TDRST)
VIH
High Level Input Voltage
1.4
V
VIL
Low Level Input Voltage
0.6
V
IIL
Input Leakage Current
ON_CLK=OFF_CLK=0V
-1
1
uA
Note1) Guaranteed by design, characterization and correlation with process controls, Not fully tested in production


Similar Part No. - CL10B105KO8NNNC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
CL10B105KO8NFNC RECOM-CL10B105KO8NFNC Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
More results

Similar Description - CL10B105KO8NNNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
logo
Dialog Semiconductor
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
   GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
logo
Texas Instruments
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
logo
Silicon Mitus, Inc.
SM4804 SILICONMITUS-SM4804 Datasheet
149Kb / 1P
   TV LCD Panel Multi-Channel high voltage Level-Shifter with Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com