Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA685 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA685
Description  Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA685 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA685 Datasheet HTML 6Page - Burr-Brown (TI) OPA685 Datasheet HTML 7Page - Burr-Brown (TI) OPA685 Datasheet HTML 8Page - Burr-Brown (TI) OPA685 Datasheet HTML 9Page - Burr-Brown (TI) OPA685 Datasheet HTML 10Page - Burr-Brown (TI) OPA685 Datasheet HTML 11Page - Burr-Brown (TI) OPA685 Datasheet HTML 12Page - Burr-Brown (TI) OPA685 Datasheet HTML 13Page - Burr-Brown (TI) OPA685 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OPA4684
10
SBOS240B
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +2, RF = 1kΩ, and RL = 100Ω, unless otherwise noted.
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
200
10
100
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
G = 100
See Figure 3
G = 50
R
F = 1kΩ
G = 1
G = 2
G = 5
G = 20
G = 10
3
0
–3
–6
–9
–12
Frequency (MHz)
1
200
10
100
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
See Figure 4
R
F = 1.0kΩ
G = –1
G = –10
G = –20
G = –5
G = –2
9
6
3
0
–3
Frequency (MHz)
1
200
10
100
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
0.2Vp-p
1Vp-p
0.5Vp-p
2Vp-p
3
0
–3
–6
–9
–12
Frequency (MHz)
1
200
10
100
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
V
O = 0.2Vp-p
V
O = 1Vp-p
V
O = 0.5Vp-p
V
O = 2Vp-p
NONINVERTING PULSE RESPONSE
Time (10ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 3.
INVERTING PULSE RESPONSE
Time (10ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 4


Similar Part No. - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA685 BURR-BROWN-OPA685 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA685N BURR-BROWN-OPA685N Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA685N/250 TI1-OPA685N/250 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA685

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
OPA4684M TI1-OPA4684M Datasheet
1Mb / 32P
[Old version datasheet]   QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com