Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP12946 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP12946
Description  Larisa series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP12946 Datasheet(HTML) 1 Page - Cree, Inc

  CP12946 Datasheet HTML 1Page - Cree, Inc CP12946 Datasheet HTML 2Page - Cree, Inc CP12946 Datasheet HTML 3Page - Cree, Inc CP12946 Datasheet HTML 4Page - Cree, Inc CP12946 Datasheet HTML 5Page - Cree, Inc CP12946 Datasheet HTML 6Page - Cree, Inc CP12946 Datasheet HTML 7Page - Cree, Inc CP12946 Datasheet HTML 8Page - Cree, Inc CP12946 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRODUCT DATASHEET
Larisa series
last update 9/12/2016
DETAILS
Product Number
CP12946_LARISA-WW-CLIP8
Family
Larisa
Type
Assembly
Color
black
Diameter
10x10 mm
Height
7,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, clips
Status
production ready
ROHS Comliant
Yes
Date Updated
9/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XB-D
57 deg
Very Wide
84 %
0.900
-
LUXEON Rebel ES
60 deg
Very Wide
86 %
0.900
-
LUXEON Rebel
62 deg
Very Wide
88 %
0.900
-
LUXEON A
70 deg
Very Wide
85 %
0.700
-
NCSxx19A
52 deg
Very Wide
83 %
1.000
-
NVSxx19A
57 deg
Very Wide
90 %
0.900
-
NF2x757A
49 deg
Very Wide
87 %
1.230
-
NF2x757G
47 deg
Very Wide
85 %
1.140
-
Oslon SSL 80
66 deg
Very Wide
84 %
0.900
-
Duris S5 (2 chip)
50 deg
Very Wide
86 %
1.200
-
June 7th 2017 6:40 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP12946

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12946 LEDIL-CP12946 Datasheet
2Mb / 7P
   ~55째 wide beam
More results

Similar Description - CP12946

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12943 CREE-CP12943 Datasheet
1Mb / 38P
   Larisa series
CP12941 CREE-CP12941 Datasheet
1Mb / 36P
   Larisa series
CP12942 CREE-CP12942 Datasheet
1Mb / 37P
   Larisa series
CP12944 CREE-CP12944 Datasheet
1Mb / 29P
   Larisa series
CP12940 CREE-CP12940 Datasheet
1Mb / 35P
   Larisa series
CP13666 CREE-CP13666 Datasheet
626Kb / 12P
   Larisa series
CP12945 CREE-CP12945 Datasheet
1Mb / 28P
   Larisa series
CP13665 CREE-CP13665 Datasheet
729Kb / 15P
   Larisa series
CP12947 CREE-CP12947 Datasheet
1Mb / 19P
   Larisa series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com