Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12012 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12012
Description  Laura series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12012 Datasheet(HTML) 1 Page - Cree, Inc

  CA12012 Datasheet HTML 1Page - Cree, Inc CA12012 Datasheet HTML 2Page - Cree, Inc CA12012 Datasheet HTML 3Page - Cree, Inc CA12012 Datasheet HTML 4Page - Cree, Inc CA12012 Datasheet HTML 5Page - Cree, Inc CA12012 Datasheet HTML 6Page - Cree, Inc CA12012 Datasheet HTML 7Page - Cree, Inc CA12012 Datasheet HTML 8Page - Cree, Inc CA12012 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCT DATASHEET
Laura series
last update 6/6/2017
DETAILS
Product Number
CA12012_LAURA-O-PIN
Family
Laura
Type
Assembly
Color
white
Diameter
21,6 x 21,6 mm
Height
13,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
6/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
40+13 deg
Oval
91 %
4.800
-
XP-G
40+13 deg
Oval
91 %
-
-
XB-D
39+11 deg
Oval
94 %
4.810
-
XP-E2
41+10 deg
Oval
91 %
6.740
-
LUXEON Rebel
41+12 deg
Oval
90 %
5.000
-
LUXEON Z ES
40+11 deg
Oval
91 %
6.200
-
LUXEON H50-2
sim: 13+61
Oval
sim: 81 % sim: 2.700 -
LUXEON Rebel ES
41+14 deg
Oval
90 %
4.600
-
NCSxx19B
41+13 deg
Oval
90 %
5.100
-
SFH 4715S
41+14 deg
Oval
sim: 80 % -
-
Oslon Square PC
40+12 deg
Oval
88 %
5.100
-
Oslon Square EC
39+14 deg
Oval
87 %
3.820
-
Oslon SSL 80
40+12 deg
Oval
86 %
4.530
-
Oslon SSL 150
36+10 deg
Oval
86 %
4.440
-
SFH 4725S
40+14 deg
Oval
-
-
-
Z5
40+12 deg
Oval
-
-
-
June 7th 2017 6:56 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12012

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12012 LEDIL-CA12012 Datasheet
2Mb / 9P
   ~40째 x 12째 oval beam optimized for CREE XP-E.
More results

Similar Description - CA12012

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13638 CREE-CA13638 Datasheet
1Mb / 15P
   Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
   Laura series
CA13634 CREE-CA13634 Datasheet
2Mb / 37P
   Laura series
CA11353 CREE-CA11353 Datasheet
796Kb / 11P
   Laura series
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
   Laura series
CA11960 CREE-CA11960 Datasheet
754Kb / 15P
   Laura series
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
   Laura series
CA13639 CREE-CA13639 Datasheet
364Kb / 5P
   Laura series
CA11355 CREE-CA11355 Datasheet
709Kb / 11P
   Laura series
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
   Laura series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com