Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C13016 Datasheet(PDF) 6 Page - Cree, Inc

Part # C13016
Description  Flare series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13016 Datasheet(HTML) 6 Page - Cree, Inc

Back Button C13016 Datasheet HTML 2Page - Cree, Inc C13016 Datasheet HTML 3Page - Cree, Inc C13016 Datasheet HTML 4Page - Cree, Inc C13016 Datasheet HTML 5Page - Cree, Inc C13016 Datasheet HTML 6Page - Cree, Inc C13016 Datasheet HTML 7Page - Cree, Inc C13016 Datasheet HTML 8Page - Cree, Inc C13016 Datasheet HTML 9Page - Cree, Inc C13016 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0%
25%
50%
75%
100%
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
Relative intensity of CA13057&CA13058_FLARE-MINI-AD-SQEC


Similar Part No. - C13016

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13016 LEDIL-C13016 Datasheet
2Mb / 8P
   ~100째 x 20째 oval beam. Assembly with location pins
More results

Similar Description - C13016

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12763 CREE-C12763 Datasheet
1Mb / 25P
   Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
   Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
   Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
   Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
   Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
   Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
   Flare series
C13012 CREE-C13012 Datasheet
3Mb / 59P
   Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
   Flare series
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
   Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com