Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2341 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2341 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2341 Datasheet HTML 1Page - Burr-Brown (TI) OPA2341 Datasheet HTML 2Page - Burr-Brown (TI) OPA2341 Datasheet HTML 3Page - Burr-Brown (TI) OPA2341 Datasheet HTML 4Page - Burr-Brown (TI) OPA2341 Datasheet HTML 5Page - Burr-Brown (TI) OPA2341 Datasheet HTML 6Page - Burr-Brown (TI) OPA2341 Datasheet HTML 7Page - Burr-Brown (TI) OPA2341 Datasheet HTML 8Page - Burr-Brown (TI) OPA2341 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
OPA341, 2341
5
SBOS202A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
OPEN-LOOP GAIN AND PSRR
vs TEMPERATURE
160
140
120
100
80
60
40
Temperature (
°C)
–75
–25
25
75
125
150
R
L = 100kΩ
AOL
AOL
R
L = 2kΩ
PSRR
CMRR vs TEMPERATURE
100
90
80
70
60
Temperature (
°C)
–75
–25
25
75
125
150
V
S = 5V, (V–) – 0.3V < VCM < (V+) – 1.8V
V
S = 5V, (V–) – 0.3V < VCM < (V+) + 0.3V
V
S = 2.7V, (V–) – 0.3V < VCM < (V+) + 0.3V
QUIESCENT CURRENT vs TEMPERATURE
1.20
1.00
0.80
0.60
0.40
0.20
0.00
Temperature (
°C)
–75
–25
25
75
125
150
QUIESCENT CURRENT vs SUPPLY VOLTAGE
0.80
0.75
0.70
0.65
0.60
Supply Voltage (V)
23
4
5
6
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
–75
–25
25
75
125
150
+I
SC
–I
SC
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
60
58
56
54
52
50
48
46
44
42
40
23
4
5
6
+I
SC
–I
SC


Similar Part No. - OPA2341

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2341 BURR-BROWN-OPA2341 Datasheet
409Kb / 15P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA2341 TI1-OPA2341 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA2341DGSA/250 BURR-BROWN-OPA2341DGSA/250 Datasheet
409Kb / 15P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA2341DGSA/250 TI1-OPA2341DGSA/250 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA2341DGSA/250G4 TI1-OPA2341DGSA/250G4 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA341 BURR-BROWN-OPA341_08 Datasheet
409Kb / 15P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com