Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3004PT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SF3004PT
Description  SUPER FAST RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF3004PT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SF3004PT Datasheet HTML 1Page - HY ELECTRONIC CORP. SF3004PT Datasheet HTML 2Page - HY ELECTRONIC CORP. SF3004PT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop
High current capabiltiy
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: TO-3P molded plastic
Epoxy: UL94V-0 rate flame retadant
Mounting position :Any
Weight:5.1grams
polarity:As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SF
SF
SF
SF
SF
SF
SF
3001PT 3002PT 3003PT 3004PT 3005PT 3006PT 3008PT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 15.0A DC
VF
1.7
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance
RθJA
/W
Operating and Storage Temperature Range
TJ,TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
175
2.0
-55 to + 150
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
μA
200
35
1.0
1.3
IR
10
IO
30
A
IFSM
300
A
Dimensions in inches and (millimeters)
CHARACTERISTICS
SYMBOL
UNIT
SF3001PT thru SF3008PT
SUPER FAST RECTIFIERS
REVERSE VOLTAGE
- 50
to 600Volts
FORWARD CURRENT - 30.0 Amperes
TO-3P
.645(16.4)
.610(15.5)
.245(6.2)
.820(5.7)
.858(21.8)
.803(20.4)
.775(19.7)
.807(20.5)
.181(4.6)
.140(3.5)
.086(2.18)
.076(1.93)
.225(5.7)
.205(5.2)
.048(1.22)
.044(1.12)
.030(0.76)
.020(0.51)
.095(2.4)
.085(2.1)
.142(3.6)
.126(3.2)
.193(4.90)
.203(5.16)
.127(3.22)
.117(2.97)


Similar Part No. - SF3004PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF3004PT WTE-SF3004PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF3004PT TSC-SF3004PT Datasheet
111Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3004PT TSC-SF3004PT Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3004PT TSC-SF3004PT Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SF3004PT THINKISEMI-SF3004PT Datasheet
706Kb / 2P
   30.0 Ampere Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SF3004PT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com