Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NT7701 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. NT7701
Description  160 Output LCD Segment/Common Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT7701 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NT7701 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
NT7701
4
Pad Description
Pad No.
Designation
I/O
Description
1, 2
L/R
I
Display data shift direction selection
3, 4
VDD
P
Power supply for the logic system (+2.5 to + 5.5V)
5, 6
S/C
I
Segment mode/common mode selection
7, 8
EIO2
I/O
Input/output for chip select or data of shift register
9,10 - 21, 22
D0 - D6
I
Display data input for segment mode
23, 24
D7
I
Display data input for Segment mode / Dual mode data input
25, 26
XCK
I
Display data shift clock input for segment mode
27, 28
DISPOFF
I
Control input for deselect output level
29, 30
LP
I
Latch pulse input / shift clock input for the shift register
31, 32
EIO1
I/O
Input/output for chip select or data of the shift register
33, 34
FR
I
AC-converting signal input for LCD driver waveform
35, 36
MD
I
Mode selection input
37, 38,
VSS
P
Ground (0V), these two pads must be connected to each other
39, 40
V5R
P
Power supply for LCD driver
41, 42
V43R
P
Power supply for LCD driver
43, 44
V12R
P
Power supply for LCD driver
45, 46
V0R
P
Power supply for LCD driver
47 - 206
Y1 - Y160
O
LCD driver output
207, 208
V0L
P
Power supply for LCD driver
209, 210
V12L
P
Power supply for LCD driver
211, 212
V43L
P
Power supply for LCD driver
213, 214
V5L
P
Power supply for LCD driver
215, 216
VSS
P
Ground (0V), these two pads must be connected to each other


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ST8016 160 Output LCD Common/Segment driver IC 1  List of Unclassifed Manufacturers
LH1560F 160 OUTPUT LCD SEGMENT / COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components
T66H0002A 160 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
NT7703 160 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
T66H0004A 80 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
PCF8831 STN RGB - 160 output row driver 1  2  3  4  5  More NXP Semiconductors
UPD16664 144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM 1  2  3  4  5  More NEC
LH1514 80 OUTPUT LCD SEGMENT DRIVER 1  2  3  4  5  More Sharp Electrionic Components
HV66 32-Channel LCD Driver with Separate Backplane Output 1  2  3  4  5  More Supertex, Inc
AD8386 10-Bit 12-Channel Output Decimating LCD Driver 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn