Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT7701 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # NT7701
Description  160 Output LCD Segment/Common Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT7701 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button NT7701 Datasheet HTML 20Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 21Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 22Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 23Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 24Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 25Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 26Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 27Page - List of Unclassifed Manufacturers NT7701 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
NT7701
24
Common Mode (VSS = V5 = 0V, VDD = 2.5 - 5.5V, V0 = 15 to 30V and TA = -30 to +85
°C, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Shift clock period
tWLP
250
-
-
ns
tr, tf ≦ 20ns
15
-
-
ns
VDD = +5.0V ± 10%
Shift clock "H" pulse width
tWLPH
30
-
-
ns
VDD = +2.5 - +4.5V
Data setup time
tSU
30
-
-
ns
Data hole time
tH
50
-
-
ns
Input signal rise time
tr
-
50
ns
Input signal fall time
tf
-
50
ns
DISPOFF Removal time
tSD
100
-
-
ns
DISPOFF enable pulse width
tWDL
1.2
-
-
µs
Output delay time (1)
tDL
-
-
200
ns
CL = 15pF
Output delay time (2)
tpd1, tpd2
-
-
1.2
µs
CL = 15pF
Output delay time (3)
tpd3
-
-
1.2
µs
CL = 15pF


Similar Part No. - NT7701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
NT7702H-BDT ETC1-NT7702H-BDT Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
NT7702H-TABF4 ETC1-NT7702H-TABF4 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
NT7703H-BDT ETC-NT7703H-BDT Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
More results

Similar Description - NT7701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
New Japan Radio
NJU6655B NJRC-NJU6655B Datasheet
523Kb / 54P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com