Electronic Components Datasheet Search |
|
NL27WZ32US Datasheet(PDF) 3 Page - ON Semiconductor |
|
NL27WZ32US Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 6 page NL27WZ32 http://onsemi.com 3 DC ELECTRICAL CHARACTERISTICS VCC TA = +255C TA = −405C to +855C Symbol Parameter Condition VCC (V) Min Typ Max Min Max Unit VIH HIGH Level Input Voltage 1.65 to 1.95 0.75 VCC 0.7 VCC 0.75 VCC 0.7 VCC V VIL LOW Level Input Voltage 1.65 to 1.95 2.3 to 5.5 0.3 VCC 0.3 VCC V VOH HIGH Level Output Voltage VIN = VIH IOH = −100 mA 1.65 2.3 3.0 4.5 1.55 2.2 2.9 4.4 1.65 2.3 3.0 4.5 1.55 2.2 2.9 4.4 V IOH = −4 mA IOH = −8 mA IOH = −16 mA IOH = −24 mA IOH = −32 mA 1.65 2.3 3.0 3.0 4.5 1.29 1.9 2.4 2.3 3.8 1.52 2.15 2.8 2.68 4.2 1.20 1.9 2.4 2.3 3.8 VOL Low−Level Output Voltage VIN = VIL IOL = 100 mA 1.65 2.3 3.0 4.5 0 0 0 0 0.1 0.1 0.1 0.1 V IOH = 4 mA IOH = 8 mA IOH = 16 mA IOH = 24 mA IOH = 32 mA 1.65 2.3 3.0 3.0 4.5 0.08 0.1 0.15 0.22 0.22 0.24 0.3 0.4 0.55 0.55 IIN Input Leakage Current VIN = VCC or GND 0 to 5.5 $0.1 $1.0 mA IOFF Power OFF Leakage Cur- rent VIN or VOUT = 5.5 V 0.0 1.0 10 ICC Quiescent Supply Current VIN = VCC or GND 5.5 1.0 10 mA AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns VCC TA = 255C *405C v TA v 855C Symbol Parameter Condition (V) Min Typ Max Min Max Unit tPLH Propagation Delay (Figure 3 and 4) RL = 1 MW, CL = 15 pF 1.8 $ 0.15 2.5 $ 0.2 2.0 1.0 8.0 3.5 9.5 5.8 2.0 1.0 10.5 6.2 ns tPHL (g ) RL = 1 MW, CL = 15 pF 3.3 $ 0.3 0.8 2.6 3.9 0.8 4.3 RL = 500 W, CL = 50 pF 1.2 3.2 4.8 1.2 5.2 RL = 1 MW, CL = 15 pF 5.0 $ 0.5 0.5 1.9 3.1 0.5 3.3 RL = 500 W, CL = 50 pF 0.8 2.5 3.7 0.8 4.0 CAPACITIVE CHARACTERISTICS Symbol Parameter Condition Typical Unit CIN Input Capacitance VCC = 5.5 V, VI = 0 V or VCC 2.5 pF CPD Power Dissipation Capacitance () 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 9 pF (Note 7) 10 MHz, VCC = 5.5 V, VI = 0 V or VCC 11 7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no−load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. |
Similar Part No. - NL27WZ32US |
|
Similar Description - NL27WZ32US |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |