Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF401 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NRF401
Description  433MHz Single Chip RF Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF401 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NRF401 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF401 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRODUCT SPECIFICATION
nRF401 Single Chip RF Transceiver
Nordic VLSI ASA -
Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.5
Page 8 of 18
May 2000
An additional notch filter (L and C) at the 50
Ω RF input/output may be necessary
dependent on the application requirements (see application note nAN400-05).
A single ended antenna may also be connected to nRF401 using an 8:1 impedance RF
transformer. The RF transformer must have a centre tap at the primary side for VDD
supply.
RF output power
The external bias resistor R3 connected between the RF_PWR pin and VSS sets the
output power. The RF output power may be set to levels up to +10dBm. In Figure 8
the output power is plotted for power levels down to, but not limited to, -8.5dBm for a
differential load of 400
Ω. DC power supply current versus external bias resistor value
is shown in Figure 9.
Figure 8. RF output power vs. external power setting resistor (R3) for nRF401.
Figure 9. Total chip current consumption vs. external power setting resistor (R3) for
nRF401.
Total Chip Current
22
27
33
39
47
56
68
82
100
120
150
180
0,0
5,0
10,0
15,0
20,0
25,0
30,0
0
20
40
60
80
100
120
140
160
180
200
Resistor Value [k
Ω ]
RF Output Power
22
27
33
39
47
56
68
82
100
120
150
180
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
20
40
60
80
100
120
140
160
180
200
Resistor Value [k
Ω]


Similar Part No. - NRF401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
NRF403 ETC-NRF403 Datasheet
260Kb / 15P
   315/433 MHz Single Chip RF Transceiver
NRF403-IC ETC-NRF403-IC Datasheet
260Kb / 15P
   315/433 MHz Single Chip RF Transceiver
More results

Similar Description - NRF401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com