Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-221605-FNS Datasheet(PDF) 4 Page - C&K Components

Part # PS-221605-FNS
Description  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-221605-FNS Datasheet(HTML) 4 Page - C&K Components

  PS-221605-FNS Datasheet HTML 1Page - C&K Components PS-221605-FNS Datasheet HTML 2Page - C&K Components PS-221605-FNS Datasheet HTML 3Page - C&K Components PS-221605-FNS Datasheet HTML 4Page - C&K Components PS-221605-FNS Datasheet HTML 5Page - C&K Components PS-221605-FNS Datasheet HTML 6Page - C&K Components PS-221605-FNS Datasheet HTML 7Page - C&K Components PS-221605-FNS Datasheet HTML 8Page - C&K Components PS-221605-FNS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
0.3
3.1
6-Ø1
4.5
2
2
0.6
2
2
3.6
5.8
PIERCING PLAN
PS-22 Series
Subminiature Pushbutton Switches
A-138
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
Dimensions
FOOTPRINT: 5.8 x 5.8 mm
HEIGHT: 7.5 mm
Specifications
CONTACT RATING: 0.1A @ 30 VDC
INITIAL CONTACT RESISTANCE: 80 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE:
150 ± 50 gf (1.47 ± 0.49N)
LOCK TRAVEL: 1.45 mm
TOTAL TRAVEL: 2.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM Natural (latch) / PA black
HOUSING: PA Black
COVER: PA Black
TERMINAL: Brass, silver plated
CONTACT CLIP: Phosphor bronze, silver clad
SPRING: Stainless steel
HOOK LOCK: Stainless steel (latch)
Dimensions
FOOTPRINT: 8.0 x 8.0 mm
HEIGHT: 13.5 mm
Specifications
CONTACT RATING: 0.1A @ 30 VDC
INITIAL CONTACT RESISTANCE: 70 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE:
200 ± 100 gf (1.96 ± 0.98N)
LOCK TRAVEL: 1.5 mm
TOTAL TRAVEL: 2.5 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM Black
HOUSING: PA Black
COVER: POM Grey (latch) / White (Mom)
TERMINAL: Brass, silver plated
CONTACT CLIP: Phosphor bronze., silver plated
SPRING: Stainless steel
HOOK LOCK: Stainless steel (latch)
SCHEMATIC
PACKAGING
PART NUMBER
PS-2206-L NS PA
PS-2206-F NS PA
1,000 pieces
1,000 pieces
SCHEMATIC
PACKAGING
PART NUMBER
PS-2214-L NS PA
PS-2214-F NS PA
1,000 pieces
1,000 pieces
2
1
6-Ø0.8
HOLES
6
5
4
3
2
1
1
4
2
3
5
6
2
1
K DETAIL 2 : 1
SCHEMATIC
PIERCING PLAN
8
2
4
0.6
2.5 2.5
1.5±0.2 Lock travel
2.5±0.2 Full travel
1.6
3
2
3
4
6
2.5 2.5
0.3
K
2 P - 2 T
6-Ø0.8
HOLES
6
5
4
3
2
1
1
4
2
3
5
6
2
1
K DETAIL 2 : 1
SCHEMATIC
PIERCING PLAN
8
2
4
0.6
2.5 2.5
1.5±0.2 Lock travel
2.5±0.2 Full travel
1.6
3
2
3
4
6
2.5 2.5
0.3
K
2 P - 2 T


Similar Part No. - PS-221605-FNS

ManufacturerPart #DatasheetDescription
logo
C&K Components
PS-221605-FNS CK-COMPONENTS-PS-221605-FNS Datasheet
559Kb / 16P
   Pushbutton Switches
More results

Similar Description - PS-221605-FNS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com