Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS645VSMT Datasheet(PDF) 2 Page - C&K Components

Part # PTS645VSMT
Description  Full SMT processing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS645VSMT Datasheet(HTML) 2 Page - C&K Components

  PTS645VSMT Datasheet HTML 1Page - C&K Components PTS645VSMT Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–96
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
PTS645 V SMT Series
6 mm SMT Side Actuated Tact Switch
A
A
4
2
12
Ø 1,5
+0,1
0
Cover
tape
(Polyester)
Carrier
tape
(Polystyrene)
SECTIONA-A
Reel
(Polystyrene)
1
4,5
7,1
10,1
6
7,1
9,5
4,5` 0,1
2x0,7
1,2
6
9,5
4,6
1,5 1,3
3,7
6,6
0,4
Max
RECOMMENDED PCB LAYOUT
(Tolerance
`
0.1)
SCHEMATIC
1
2
1
2
BRACKET
FACE


Similar Part No. - PTS645VSMT

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645VSM19PSMTR92LFS CK-COMPONENTS-PTS645VSM19PSMTR92LFS Datasheet
270Kb / 3P
   6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results

Similar Description - PTS645VSMT

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DB118 CMLMICRO-DB118 Datasheet
368Kb / 7P
   Full-Duplex Audio Processing
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
logo
List of Unclassifed Man...
IMST212M ETC1-IMST212M Datasheet
2Mb / 37P
   TRANSPUTER FULL MIL TEMPERATURE RANGE PROCESSING
logo
Intersil Corporation
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
   Full Homogeneous Lot Processing in Wafer Fab
logo
Molex Electronics Ltd.
PS-146200-001 MOLEX-PS-146200-001 Datasheet
322Kb / 5P
   Full LTE SMT Antenna
2016/02/22
logo
Sanyo Semicon Device
LC11011-141 SANYO-LC11011-141 Datasheet
148Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11014-241 SANYO-LC11014-241 Datasheet
534Kb / 13P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11012-141 SANYO-LC11012-141 Datasheet
171Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
logo
Bel Fuse Inc.
123-0701-201 BEL-123-0701-201 Datasheet
132Kb / 1P
   SMP3 PLUG FULL DETENT PCB SMT
Rev. 1
123-0701-801 BEL-123-0701-801 Datasheet
133Kb / 1P
   SMP3 PLUG FULL DETENT SMT END LAUNCH
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com