Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE-18 Datasheet(PDF) 5 Page - C&K Components

Part # NE-18
Description  Various contact configurations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NE-18 Datasheet(HTML) 5 Page - C&K Components

  NE-18 Datasheet HTML 1Page - C&K Components NE-18 Datasheet HTML 2Page - C&K Components NE-18 Datasheet HTML 3Page - C&K Components NE-18 Datasheet HTML 4Page - C&K Components NE-18 Datasheet HTML 5Page - C&K Components NE-18 Datasheet HTML 6Page - C&K Components NE-18 Datasheet HTML 7Page - C&K Components NE-18 Datasheet HTML 8Page - C&K Components NE-18 Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A-100
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
Third Angle
Projection
NE-18 Series
Mains / Power Switches
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Momentary
Alternate (push-push)
OA
EE
FUNCTION
OPTION CODE
37
NE18 — 2AX
DPST
38
NE18 — 2UX
DPDT
51
2U + NE18 — 2AX
DPST*
52 (4A/64)
NE18CTII — 2AX
DPST
39
2U + NE18 — 2UX
DPDT*
41
NE18 — 2AP
DPST
42
NE18 — 2UP
DPDT
43
NE18 — 2AW
DPST
44
NE18 — 2UW
DPDT
45
NE18 — 2ASX
DPST
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
46
NE18 — 2USX
DPDT
47
NE18 — 2ASP
DPST
48
NE18 — 2USP
DPDT
49
NE18 — 2ASW
DPST
50
NE18 — 2USW
DPDT
53 (4A/64)
2U + NE18CTII — 2AX
DPST
54
2U + NE18 — 2AW
DPST
55
2U + NE18 — 2AP
DPST
56
2U + NE18 — 2UW
DPDT
57
2U + NE18 — 2UP
DPDT
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
*
2U + Denotes auxiliary set of low current contacts DPDT
2A = DPST
2U = DPDT
S = Snap-in mounting
X = Solder lug/PC pins
W = Solder lugs only
P = PC pins only
NOTES
1. Contact plating is silver on all Power Switches.
2. The electrical function is Break Before Make (BBM) on all Power Switches.
3. The terminals will be epoxy sealed.
1) A = make contact, U = changeover contact
2) With 2A mains contacts: Mounting only by PC pins is not sufficient.
II
> 3mm
(.118 inch)
2U
2A2
NE18CTII
I
> 3mm
(.118 inch)
2U
2A2
2U
NE18
II
> 3mm
(.118 inch)
2U
2A2
NE18
APPROVALS
PROTECTION CLASS
(CEE 24)
CONTACT SPACING
POSSIBLE CONTACT ARRANGEMENT
POWER CONTACTS1
AUXILIARY CONTACTS
TYPE
UL61058-1
UL61058-1
UL61058-1


Similar Part No. - NE-18

ManufacturerPart #DatasheetDescription
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
More results

Similar Description - NE-18

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
   Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
   Multiple Configurations
logo
CUI INC
SJ2-3595X-SMT CUI-SJ2-3595X-SMT Datasheet
650Kb / 4P
   multiple switch configurations
logo
Shanghai Semitech Semic...
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
   Unidirectional Configurations
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
   Unidirectional Configurations
GBLC03C SEMITECH-GBLC03C Datasheet
214Kb / 3P
   Bi-directional Configurations
logo
CUI INC
SJ2-2595X-SMT CUI-SJ2-2595X-SMT Datasheet
712Kb / 4P
   mulitiple switch configurations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com