Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB0M110 Datasheet(PDF) 2 Page - C&K Components

Part # KSB0M110
Description  Protected against flux
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSB0M110 Datasheet(HTML) 2 Page - C&K Components

  KSB0M110 Datasheet HTML 1Page - C&K Components KSB0M110 Datasheet HTML 2Page - C&K Components KSB0M110 Datasheet HTML 3Page - C&K Components KSB0M110 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-36
B
TYPE
GROUND TERMINAL
KSB
KSF
KSB & KSF Series
Low-profile Tact Switch
0 WITHOUT
1 WITH (KSF only)
First Angle
Projection
7,62
(3,0)
9,0
(.354)
2,6
(.102)
4,2
(.165)
5,08
(.20)
0,5 x 0,3
(.020 x .012)
7,4
(.291)
7,4
(.291)
ø3,5
(.138)
Smooth surface
ø2,0
(.079)
R 0,2
(.008)
L min. 1,5
(.059)
4˚ max.
ø0,2 A
A
RECOMMENDED SHAPE OF
ACTUATOR
ø4,6+0,25/-0,15
(.181+.010/-.006)
7,62
(.30)
9,0
(.354)
7,4
(.291)
0,5+ x 0,3
(.020 x .012)
5,08
(.20)
Smooth surface
ø2,0
(.079)
R 0,2
(.008)
L min. 0,9
(.035)
4˚ max.
ø0,2 A
A
RECOMMENDED SHAPE OF
ACTUATOR
KSB0M110
KSF0M111


Similar Part No. - KSB0M110

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
   Low-profile Tact Switch
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
ITT Industries
KSB0M110LFT ITT-KSB0M110LFT Datasheet
184Kb / 2P
   Low-profile Tact Switch
More results

Similar Description - KSB0M110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA116V1 STMICROELECTRONICS-STEVAL-ISA116V1 Datasheet
106Kb / 4P
   Fully protected against faults
February 2013 Rev 1
logo
Analog Devices
EVAL-ADG5209FEBZ AD-EVAL-ADG5209FEBZ Datasheet
378Kb / 12P
   Protected against overvoltage on source pins
EVAL-ADG5404FEBZ AD-EVAL-ADG5404FEBZ Datasheet
349Kb / 10P
   Protected against overvoltage on source pins
EVAL-ADG5462FEBZ AD-EVAL-ADG5462FEBZ Datasheet
405Kb / 12P
   Protected against overvoltage on source pins
logo
Grayhill, Inc
39-251RED GRAYHILL-39-251RED Datasheet
68Kb / 1P
   Fully Protected During Flux Cleaning Operations
logo
NXP Semiconductors
HEF4011BT-653 NXP-HEF4011BT-653 Datasheet
269Kb / 12P
   Inputs and outputs are protected against electrostatic effects
Rev. 5-21 November 2011
logo
Maxim Integrated Produc...
MAX8855EVKIT MAXIM-MAX8855EVKIT Datasheet
258Kb / 11P
   Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
logo
PHOENIX CONTACT
2701230 PHOENIX-2701230 Datasheet
166Kb / 5P
   The outputs are protected against short circuit and overload.
logo
ebm-papst
4000Z EBMPAPST-4000Z Datasheet
369Kb / 1P
   AC fans with external rotor shaded-pole motor. Impedance protected against overloading
logo
Murata Manufacturing Co...
PTGL07AS121M0N51B0 MURATA-PTGL07AS121M0N51B0 Datasheet
203Kb / 3P
   protection against overcurrent situations
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com