Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9043 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT9043
Description  T1/E1 System Synchronizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9043 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT9043 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9043 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MT9043
Data Sheet
3
Zarlink Semiconductor Inc.
9OSCi
Oscillator Master Clock (CMOS Input). For crystal operation, a 20MHz crystal is
connected from this pin to OSCo, see Figure 9. For clock oscillator operation, this pin is
connected to a clock source, see Figure 8.
11
F16o
Frame Pulse ST-BUS 8.192 Mb/s (CMOS Output). This is an 8kHz 61ns active low framing
pulse, which marks the beginning of an ST-BUS frame. This is typically used for ST-BUS
operation at 8.192 Mb/s. See Figure 14.
12
F0o
Frame Pulse ST-BUS 2.048Mb/s (CMOS Output). This is an 8kHz 244ns active low framing
pulse, which marks the beginning of an ST-BUS frame. This is typically used for ST-BUS
operation at 2.048Mb/s and 4.096Mb/s. See Figure 14.
13
RSP
Receive Sync Pulse (CMOS Output). This is an 8kHz 488ns active high framing pulse,
which marks the beginning of an ST-BUS frame. This is typically used for connection to the
Siemens MUNICH-32 device. See Figure 15.
14
TSP
Transmit Sync Pulse (CMOS Output). This is an 8kHz 488ns active high framing pulse,
which marks the beginning of an ST-BUS frame. This is typically used for connection to the
Siemens MUNICH-32 device. See Figure 15.
15
F8o
Frame Pulse (CMOS Output). This is an 8kHz 122ns active high framing pulse, which marks
the beginning of a frame. See Figure 14.
16
C1.5o
Clock 1.544MHz (CMOS Output). This output is used in T1 applications.
18
LOCK
Lock Indicator (CMOS Output). This output goes high when the PLL is frequency locked to
the input reference.
19
C2o
Clock 2.048MHz (CMOS Output). This output is used for ST-BUS operation at 2.048Mb/s.
20
C4o
Clock 4.096MHz (CMOS Output). This output is used for ST-BUS operation at 2.048Mb/s
and 4.096Mb/s.
21
C19o
Clock 19.44MHz (CMOS Output). This output is used in OC3/STS3 applications.
22
FLOCK
Fast Lock Mode (Input). Set high to allow the PLL to quickly lock to the input reference (less
than 500 ms locking time).
24
IC
Internal Connection. Tie low for normal operation.
25
C8o
Clock 8.192MHz (CMOS Output). This output is used for ST-BUS operation at 8.192Mb/s.
26
C16o
Clock 16.384MHz (CMOS Output). This output is used for ST-BUS operation with a
16.384MHz clock.
27
C6o
Clock 6.312 Mhz (CMOS Output). This output is used for DS2 applications.
29
IM
Impairment Monitor (CMOS Output). A logic high on this pin indicates that the Input
Impairment Monitor has automatically put the device into Freerun Mode.
30
IC
Internal Connection. Tie high for normal operation.
32
NC
No Connection. Leave open circuit.
33,34
IC
Internal Connection. Tie low for normal operation.
36
MS
Mode/Control Select (Input). This input determines the state (Normal or Freerun) of
operation. The logic level at this input is gated in by the rising edge of F8o. See Table 3.
37
IC
Internal Connection. Tie low for normal operation.
Pin Description
Pin #
Name
Description


Similar Part No. - MT9043

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
   T1/E1 Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results

Similar Description - MT9043

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
   T1/E1 System Synchronizer with Holdover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com