Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX181M400A7P3 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SLPX181M400A7P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX181M400A7P3 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SLPX181M400A7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX181M400A7P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
160 Vdc (200 Vdc Surge)
200 Vdc (250 Vdc Surge)
1500 SLPX152M160E7P3 0.133
0.100
3.96
5.82
30 x 40
820
SLPX821M200C7P3 0.243
0.182
2.79
4.10
25 x 40
1500 SLPX152M160H5P3 0.133
0.100
3.94
5.79
35 x 35
820
SLPX821M200E3P3 0.243
0.182
2.75
4.04
30 x 30
1800 SLPX182M160E4P3 0.111
0.083
4.31
6.34
30 x 45
1000 SLPX102M200C4P3 0.199
0.149
3.28
4.82
25 x 45
1800 SLPX182M160H5P3 0.111
0.083
4.28
6.29
35 x 35
1000 SLPX102M200E5P3 0.199
0.149
3.15
4.63
30 x 35
2200 SLPX222M160H7P3 0.090
0.068
4.96
7.29
35 x 40
1000 SLPX102M200H3P3 0.199
0.149
3.25
4.78
35 x 30
2700 SLPX272M160H9P3 0.074
0.056
5.57
8.19
35 x 50
1200 SLPX122M200C9P3 0.166
0.125
3.61
5.31
25 x 50
180 Vdc (225 Vdc Surge)
1200 SLPX122M200E7P3 0.166
0.125
3.61
5.31
30 x 40
330
SLPX331M180A1P3 0.603
0.452
1.49
2.19
22 x 25
1200 SLPX122M200E4P3 0.166
0.125
3.80
5.59
30 x 45
390
SLPX391M180A1P3 0.510
0.383
1.84
2.70
22 x 25
1200 SLPX122M200H5P3 0.166
0.125
3.57
5.25
35 x 35
470
SLPX471M180A3P3 0.423
0.317
1.91
2.81
22 x 30
1500 SLPX152M200E4P3 0.133
0.100
4.13
6.07
30 x 45
470
SLPX471M180C1P3 0.423
0.317
2.08
3.06
25 x 25
1500 SLPX152M200H5P3 0.133
0.100
3.85
5.66
35 x 35
560
SLPX561M180A5P3 0.355
0.266
2.25
3.31
22 x 35
1500 SLPX152M200H7P3 0.133
0.100
4.06
5.97
35 x 40
560
SLPX561M180C1P3 0.355
0.266
2.25
3.31
25 x 25
1500 SLPX152M200H4P3 0.133
0.100
4.26
6.26
35 x 45
680
SLPX681M180A5P3 0.293
0.220
2.48
3.65
22 x 35
1800 SLPX182M200H4P3 0.111
0.083
4.59
6.75
35 x 45
680
SLPX681M180C3P3 0.293
0.220
2.50
3.68
25 x 30
2200 SLPX222M200H9P3 0.090
0.068
5.25
7.72
35 x 50
680
SLPX681M180E1P3 0.293
0.220
2.46
3.62
30 x 25
220 Vdc (270 Vdc Surge)
820
SLPX821M180A7P3 0.243
0.182
2.86
4.20
22 x 40
220
SLPX221M220A1P3 0.905
0.679
1.30
1.91
22 x 25
820
SLPX821M180C5P3 0.243
0.182
2.75
4.04
25 x 35
270
SLPX271M220A1P3 0.737
0.553
1.42
2.09
22 x 25
820
SLPX821M180E1P3 0.243
0.182
2.69
3.95
30 x 25
330
SLPX331M220A3P3 0.603
0.452
1.59
2.34
22 x 30
1000 SLPX102M180C7P3 0.199
0.149
3.06
4.50
25 x 40
330
SLPX331M220C1P3 0.603
0.452
1.59
2.34
25 x 25
1000 SLPX102M180E3P3 0.199
0.149
3.10
4.56
30 x 30
390
SLPX391M220A5P3 0.510
0.383
1.80
2.65
22 x 35
1200 SLPX122M180C4P3 0.166
0.125
3.63
5.34
25 x 45
390
SLPX391M220C1P3 0.510
0.383
1.75
2.57
25 x 25
1200 SLPX122M180E5P3 0.166
0.125
3.55
5.22
30 x 35
470
SLPX471M220A5P3 0.423
0.317
2.06
3.03
22 x 35
1200 SLPX122M180H3P3 0.166
0.125
3.49
5.13
35 x 30
470
SLPX471M220C3P3 0.423
0.317
2.08
3.06
25 x 30
1500 SLPX152M180E7P3 0.133
0.100
4.10
6.03
30 x 40
470
SLPX471M220E1P3 0.423
0.317
2.16
3.18
30 x 25
1500 SLPX152M180H5P3 0.133
0.100
4.02
5.91
35 x 35
560
SLPX561M220A7P3 0.355
0.266
2.22
3.26
22 x 40
1800 SLPX182M180E4P3 0.111
0.083
4.55
6.69
30 x 45
560
SLPX561M220C5P3 0.355
0.266
2.38
3.50
25 x 35
1800 SLPX182M180H5P3 0.111
0.083
4.54
6.67
35 x 35
560
SLPX561M220E1P3 0.355
0.266
2.18
3.20
30 x 25
2200 SLPX222M180H7P3 0.090
0.068
4.83
6.04
35 x 40
680
SLPX681M220A4P3 0.293
0.220
2.62
3.85
22 x 45
2700 SLPX272M180H9P3 0.074
0.056
5.30
6.63
35 x 50
680
SLPX681M220C7P3 0.293
0.220
2.56
3.76
25 x 40
200 Vdc (250 Vdc Surge)
680
SLPX681M220E3P3 0.293
0.220
2.52
3.70
30 x 30
270
SLPX271M200A1P3 0.737
0.553
1.37
2.01
22 x 25
820
SLPX821M220C4P3 0.243
0.182
2.91
4.28
25 x 45
330
SLPX331M200A3P3 0.603
0.452
1.63
2.40
22 x 30
820
SLPX821M220E5P3 0.243
0.182
2.84
4.17
30 x 35
330
SLPX331M200A1P3 0.603
0.452
1.51
2.22
22 x 25
820
SLPX821M220H3P3 0.243
0.182
2.79
4.10
35 x 35
390
SLPX391M200A3P3 0.510
0.383
1.73
2.54
22 x 30
1000 SLPX102M220C9P3 0.199
0.149
3.53
5.19
25 x 50
390
SLPX391M200C1P3 0.510
0.383
1.71
2.51
25 x 25
1000 SLPX102M220E7P3 0.199
0.149
3.36
4.94
30 x 40
470
SLPX471M200A3P3 0.423
0.317
1.97
2.90
22 x 30
1000 SLPX102M220H3P3 0.199
0.149
3.29
4.84
35 x 30
470
SLPX471M200C3P3 0.423
0.317
1.95
2.87
25 x 30
1200 SLPX122M220E7P3 0.166
0.125
3.54
5.20
30 x 40
560
SLPX561M200A7P3 0.355
0.266
2.18
3.20
22 x 40
1200 SLPX122M220E4P3 0.166
0.125
3.72
5.47
30 x 45
560
SLPX561M200C3P3 0.355
0.266
2.15
3.16
25 x 30
1200 SLPX122M220H5P3 0.166
0.125
3.68
5.41
35 x 35
560
SLPX561M200E1P3 0.355
0.266
2.15
3.16
30 x 25
1500 SLPX152M220H7P3 0.133
0.100
4.10
5.13
35 x 40
680
SLPX681M200A4P3 0.293
0.220
2.48
3.65
22 x 45
1800 SLPX182M220H4P3 0.111
0.083
4.52
5.65
35 x 45
680
SLPX681M200C5P3 0.293
0.220
2.48
3.65
25 x 35
250 Vdc (300 Vdc Surge)
680
SLPX681M200E3P3 0.293
0.220
2.48
3.65
30 x 30
220
SLPX221M250A1P3 0.905
0.679
1.24
1.82
22 x 25
820
SLPX821M200A9P3 0.243
0.182
2.81
4.13
22 x 50
270
SLPX271M250A3P3 0.737
0.553
1.50
2.21
22 x 30
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX181M400A7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX182M063A1P3 CDE-SLPX182M063A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX182M080A3P3 CDE-SLPX182M080A3P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX182M080C1P3 CDE-SLPX182M080C1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX182M100A7P3 CDE-SLPX182M100A7P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX182M100C5P3 CDE-SLPX182M100C5P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX181M400A7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com