Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11521 Datasheet(PDF) 1 Page - Cree, Inc

Part # C11521
Description  Tampa series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C11521 Datasheet(HTML) 1 Page - Cree, Inc

  C11521 Datasheet HTML 1Page - Cree, Inc C11521 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Tampa series
last update 16/3/2017
DETAILS
Product Number
C11521_NIS83-MX-7-MD
Family
Tampa
Type
Lens array
Color
clear
Diameter
38 mm
Height
11,4 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
16/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MX-6
sim: 26
Medium Dif... -
-
-
NS3x83
20 deg
Medium Dif... -
-
-
June 5th 2017 8:28 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11521

ManufacturerPart #DatasheetDescription
logo
EPCOS
C1152 EPCOS-C1152 Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
logo
Cree, Inc
C11520 CREE-C11520 Datasheet
110Kb / 2P
   Tampa series
logo
Ledil, Inc.
C11520 LEDIL-C11520 Datasheet
1Mb / 5P
   ~20째 medium beam
More results

Similar Description - C11521

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10586 CREE-C10586 Datasheet
242Kb / 4P
   Tampa series
C11520 CREE-C11520 Datasheet
110Kb / 2P
   Tampa series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com