Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723652 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT723652
Description  CMOS SyncBiFIFOTM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723652 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT723652_09 Datasheet HTML 4Page - Integrated Device Technology IDT723652_09 Datasheet HTML 5Page - Integrated Device Technology IDT723652_09 Datasheet HTML 6Page - Integrated Device Technology IDT723652_09 Datasheet HTML 7Page - Integrated Device Technology IDT723652_09 Datasheet HTML 8Page - Integrated Device Technology IDT723652_09 Datasheet HTML 9Page - Integrated Device Technology IDT723652_09 Datasheet HTML 10Page - Integrated Device Technology IDT723652_09 Datasheet HTML 11Page - Integrated Device Technology IDT723652_09 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT723652/723662/723672 CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
Commercial
IDT723652L12
IDT723652L15
IDT723662L12
IDT723662L15
IDT723672L12
IDT723672L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
83
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
12
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4—
ns
tENS1
Setup Time,
CSA and W/RA, before CLKA
↑; CSB, and W/RB before CLKB↑
4
4.5
ns
tENS2
Setup Time, ENA and MBA, before CLKA
↑; ENB, and MBB before CLKB↑
3
4.5
ns
tRSTS
Setup Time,
RST1 or RST2 LOW before CLKA
↑ or CLKB↑(1)
5—
5—
ns
tFSS
Setup Time, FS0 and FS1 before
RST1 and RST2 HIGH
7.5
7.5
ns
tFWS
Setup Time,
FWFT before CLKA
0—
0—
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB, ENB, and
0.5
1
ns
MBB after CLKB
tRSTH
Hold Time,
RST1 or RST2 LOW after CLKA
↑ or CLKB↑(1)
4—
4—
ns
tFSH
Hold Time, FS0 and FS1 after
RST1 and RST2 HIGH
2
2
ns
tSKEW1(2)
Skew Time, between CLKA
↑ and CLKB↑ for EFA/ORA, EFB/ORB, FFA/IRA,
7.5
7.5
ns
and
FFB/IRB
tSKEW2(2,3)
Skew Time, between CLKA
↑ and CLKB↑ for AEA, AEB, AFA, and AFB
12
12
ns
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
3. Design simulated, not tested.
4. Industrial temperature range is available by special order.
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)


Similar Part No. - IDT723652_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652L12PF IDT-IDT723652L12PF Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT723652L12PQF IDT-IDT723652L12PQF Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT723652L15PF IDT-IDT723652L15PF Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT723652L15PQF IDT-IDT723652L15PQF Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
More results

Similar Description - IDT723652_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com