Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843204AGILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 843204AGILF
Description  3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843204AGILF Datasheet(HTML) 2 Page - Integrated Device Technology

  843204AGILF Datasheet HTML 1Page - Integrated Device Technology 843204AGILF Datasheet HTML 2Page - Integrated Device Technology 843204AGILF Datasheet HTML 3Page - Integrated Device Technology 843204AGILF Datasheet HTML 4Page - Integrated Device Technology 843204AGILF Datasheet HTML 5Page - Integrated Device Technology 843204AGILF Datasheet HTML 6Page - Integrated Device Technology 843204AGILF Datasheet HTML 7Page - Integrated Device Technology 843204AGILF Datasheet HTML 8Page - Integrated Device Technology 843204AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT/ ICS3.3V LVPECL FREQUENCY SYNTHESIZER
2
ICS843204AGI REV. A MARCH 18, 2009
ICS843204I
FEMTOCLOCK™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
11
A
Q
,
1
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
,
30
A
Q
,
0
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
,
2
1
,
1
1
,
0
1
,
5
,
6
2
,
5
2
,
0
2
,
3
1
,
7
3
,
9
2
,
8
2
,
7
2
4
4
,
8
3
c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
6V
A
_
O
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
71
A
L
E
St
u
p
n
In
w
o
d
ll
u
P
,
W
O
L
n
e
h
W
.
z
H
M
2
5
.
5
5
1
t
a
1
A
Q
n
/
1
A
Q
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
z
H
M
5
2
.
6
5
1
t
a
1
A
Q
n
/
1
A
Q
s
t
c
e
l
e
s
80
A
L
E
St
u
p
n
In
w
o
d
ll
u
P
,
W
O
L
n
e
h
W
.
z
H
M
2
5
.
5
5
1
t
a
0
A
Q
n
/
0
A
Q
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
z
H
M
5
2
.
6
5
1
t
a
1
A
Q
n
/
1
A
Q
s
t
c
e
l
e
s
9A
_
S
S
A
P
Y
B
_
L
L
P
nt
u
p
n
Ip
u
ll
u
P
.
e
v
i
t
c
a
s
i
t
u
p
t
u
o
L
L
P
,
H
G
I
H
n
e
h
W
.
d
e
s
s
a
p
y
b
s
i
L
L
P
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
4
1
5
1
,
1
N
I
_
L
A
T
X
1
T
U
O
_
L
A
T
X
t
u
p
n
I
,
t
u
p
t
u
o
e
h
t
s
i
1
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
.
t
u
p
n
i
e
h
t
s
i
1
N
I
_
L
A
T
X
7
4
,
6
10
K
L
C
,
1
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
2
2
,
1
20
B
Q
n
,
0
B
Qt
u
p
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
7
1B
_
L
E
S
_
N
It
u
p
n
Ip
u
ll
u
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
t
u
p
n
i
1
L
A
T
X
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
1
K
L
C
8
1B
_
S
S
A
P
Y
B
_
L
L
P
nt
u
p
n
Ip
u
ll
u
P
.
e
v
i
t
c
a
s
i
t
u
p
t
u
o
L
L
P
,
H
G
I
H
n
e
h
W
.
d
e
s
s
a
p
y
b
s
i
L
L
P
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9
1V
B
_
O
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
4
2
,
3
21
B
Q
n
,
1
B
Qt
u
p
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
31
B
L
E
St
u
p
n
Ip
u
ll
u
P
,
W
O
L
n
e
h
W
.
z
H
M
2
5
.
5
5
1
t
a
1
B
Q
n
/
1
B
Q
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
z
H
M
5
2
.
6
5
1
t
a
1
B
Q
n
/
1
B
Q
s
t
c
e
l
e
s
0
3V
B
_
A
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
0
4
,
2
3V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
3
31
B
E
Ot
u
p
n
Ip
u
ll
u
P
.
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
1
B
Q
n
/
1
B
Q
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
30
B
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
0
B
Q
n
/
0
B
Q
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
4
,
5
3V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
6
30
B
L
E
St
u
p
n
Ip
u
ll
u
P
,
W
O
L
n
e
h
W
.
z
H
M
2
5
.
5
5
1
t
a
0
B
Q
n
/
0
B
Q
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
z
H
M
5
2
.
6
5
1
t
a
0
B
Q
n
/
0
B
Q
s
t
c
e
l
e
s
9
3V
A
_
A
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
1
41
A
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
1
A
Q
n
/
1
A
Q
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
40
A
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
0
A
Q
n
/
0
A
Q
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
5
4
6
4
,
0
T
U
O
_
L
A
T
X
0
N
I
_
L
A
T
X
t
u
p
n
I
,
t
u
p
t
u
o
e
h
t
s
i
0
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
.
t
u
p
n
i
e
h
t
s
i
0
N
I
_
L
A
T
X
8
4A
_
L
E
S
_
N
It
u
p
n
Ip
u
ll
u
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
t
u
p
n
i
0
L
A
T
X
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
0
K
L
C
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω


Similar Part No. - 843204AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843204AGILF RENESAS-843204AGILF Datasheet
540Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
843204AGILF RENESAS-843204AGILF Datasheet
606Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
843204AGILFT RENESAS-843204AGILFT Datasheet
540Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
843204AGILFT RENESAS-843204AGILFT Datasheet
606Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results

Similar Description - 843204AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843252 IDT-843252 Datasheet
382Kb / 17P
   FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com