Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE812A Datasheet(PDF) 52 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 45Page - STMicroelectronics STMPE812A Datasheet HTML 46Page - STMicroelectronics STMPE812A Datasheet HTML 47Page - STMicroelectronics STMPE812A Datasheet HTML 48Page - STMicroelectronics STMPE812A Datasheet HTML 49Page - STMicroelectronics STMPE812A Datasheet HTML 50Page - STMicroelectronics STMPE812A Datasheet HTML 51Page - STMicroelectronics STMPE812A Datasheet HTML 52Page - STMicroelectronics STMPE812A Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
STMPE812A
52/53
Doc ID 18225 Rev 4
15
Revision history
Table 26.
Document revision history
Date
Revision
Changes
18-Nov-2010
1
Initial release.
09-Mar-2011
2
Document status promoted from preliminary data to datatasheet.
Updated Table 2.
23-May-2011
3
Updated: Footprint recommendation in Figure 10. and Table 22
Replaced: Flip-chip 12 with CSP 12.
14-Jul-2011
4
Updated: features description, title and template.
Modified: Table 3: I2C timing and Section 13: Electrical specification.


Similar Part No. - STMPE812A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
   S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
STMPE812BJR STMICROELECTRONICS-STMPE812BJR Datasheet
626Kb / 51P
   S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
More results

Similar Description - STMPE812A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
   S-Touch®enhanced 4-wire resistive touchscreen controller with PWM
February 2011
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
[Old version datasheet]   LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com