Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT72281 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # DT72281
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DT72281 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button DT72281_13 Datasheet HTML 3Page - Integrated Device Technology DT72281_13 Datasheet HTML 4Page - Integrated Device Technology DT72281_13 Datasheet HTML 5Page - Integrated Device Technology DT72281_13 Datasheet HTML 6Page - Integrated Device Technology DT72281_13 Datasheet HTML 7Page - Integrated Device Technology DT72281_13 Datasheet HTML 8Page - Integrated Device Technology DT72281_13 Datasheet HTML 9Page - Integrated Device Technology DT72281_13 Datasheet HTML 10Page - Integrated Device Technology DT72281_13 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72281/72291
CMOS SuperSync FIFO™ 65,536 x 9 and 131,072 x 9
When configured in IDT Standard mode, the EF and FF outputs are
double register-buffered outputs.
Relevant timing diagrams for IDT Standard mode can be found in Figure
7, 8 and 11.
FIRST WORD FALL THROUGH MODE (FWFT)
In this mode, the status flags, IR, PAF, HF, PAE, and OR operate in the
manner outlined in Table 2. To write data into to the FIFO, WEN must be
LOW. Data presented to the DATA IN lines will be clocked into the FIFO on
subsequent transitions of WCLK. After the first write is performed, the Output
Ready (OR) flag will go LOW. Subsequent writes will continue to fill up the
FIFO. PAE will go HIGH after n + 2 words have been loaded into the FIFO,
where n is the empty offset value. The default setting for this value is stated
in the footnote of Table 2. This parameter is also user programmable. See
section on Programmable Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the HF would toggle to LOW once the 32,770th
word for the IDT72281 and 65,538th word for the IDT72291, respectively
was written into the FIFO. Continuing to write data into the FIFO will cause
the PAF to go LOW. Again, if no reads are performed, the PAF will go LOW
after (65,537-m) writes for the IDT72281 and (131,073-m) writes for the
IDT72291, where m is the full offset value. The default setting for this value
is stated in the footnote of Table 2.
When the FIFO is full, the Input Ready (IR) flag will go HIGH, inhibiting
further write operations. If no reads are performed after a reset, IR will go
HIGH after D writes to the FIFO. D = 65,537 writes for the IDT72281 and
131,073 writes for the IDT72291, respectively. Note that the additional word
in FWFT mode is due to the capacity of the memory plus output register.
If the FIFO is full, the first read operation will cause the IR flag to go LOW.
Subsequent read operations will cause the PAF and HF to go HIGH at the
conditions described in Table 2. If further read operations occur, without
write operations, the PAE will go LOW when there are n + 1 words in the
FIFO, where n is the empty offset value. Continuing read operations will
cause the FIFO to become empty. When the last word has been read from
the FIFO, OR will go HIGH inhibiting further read operations. REN is ig-
nored when the FIFO is empty.
When configured in FWFT mode, the OR flag output is triple register-
buffered, and the IR flag output is double register-buffered.
Relevant timing diagrams for FWFT mode can be found in Figure 9, 10
and 12.
PROGRAMMING FLAG OFFSETS
Full and Empty Flag offset values are user programmable. The IDT72281/
72291 has internal registers for these offsets. Default settings are stated in
the footnotes of Table 1 and Table 2. Offset values can be programmed into
the FIFO in one of two ways; serial or parallel loading method. The selec-
tion of the loading method is done using the LD (Load) pin. During Master
Reset, the state of the LD input determines whether serial or parallel flag
offset programming is enabled. A HIGH on LD during Master Reset selects
serial loading of offset values and in addition, sets a default PAE offset value
of 3FFH (a threshold 1,023 words from the empty boundary), and a default
PAF offset value of 3FFH (a threshold 1,023 words from the full boundary).
A LOW on LD during Master Reset selects parallel loading of offset values,
and in addition, sets a default PAE offset value of 07FH (a threshold 127
words from the empty boundary), and a default PAF offset value of 07FH (a
threshold 127 words from the full boundary). See Figure 3, Offset Register
Location and Default Values.
FUNCTIONALDESCRIPTION
TIMING MODES: IDT STANDARD VS FIRST WORD FALL THROUGH
(FWFT) MODE
The IDT72281/72291 support two different timing modes of operation:
IDT Standard mode or First Word Fall Through (FWFT) mode. The selec-
tion of which mode will operate is determined during Master Reset, by the
state of the FWFT/SI input.
If, at the time of Master Reset, FWFT/SI is LOW, then IDT Standard mode
will be selected. This mode uses the Empty Flag (EF) to indicate whether or
not there are any words present in the FIFO. It also uses the Full Flag
function (FF) to indicate whether or not the FIFO has any free space for
writing. In IDT Standard mode, every word read from the FIFO, including
the first, must be requested using the Read Enable (REN) and RCLK.
If, at the time of Master Reset, FWFT/SI is HIGH, then FWFT mode will
be selected. This mode uses Output Ready (OR) to indicate whether or not
there is valid data at the data outputs (Qn). It also uses Input Ready (IR) to
indicate whether or not the FIFO has any free space for writing. In the
FWFT mode, the first word written to an empty FIFO goes directly to Qn
after three RCLK rising edges, REN = LOW is not necessary. Subsequent
words must be accessed using the Read Enable (REN) and RCLK.
Various signals, both input and output signals operate differently depend-
ing on which timing mode is in effect.
IDT STANDARD MODE
In this mode, the status flags, FF, PAF, HF, PAE, and EF operate in the
manner outlined in Table 1. To write data into to the FIFO, Write Enable
(WEN) must be LOW. Data presented to the DATA IN lines will be clocked
into the FIFO on subsequent transitions of the Write Clock (WCLK). After the
first write is performed, the Empty Flag (EF) will go HIGH. Subsequent
writes will continue to fill up the FIFO. The Programmable Almost-Empty flag
(PAE) will go HIGH after n + 1 words have been loaded into the FIFO,
where n is the empty offset value. The default setting for this value is stated
in the footnote of Table 1. This parameter is also user programmable. See
section on Programmable Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the Half-Full flag (HF) would toggle to LOW
once the 32,769th word for IDT72281 and 65,537th word for IDT72291
respectively was written into the FIFO. Continuing to write data into the
FIFO will cause the Programmable Almost-Full flag (PAF) to go LOW.
Again, if no reads are performed, the PAF will go LOW after (65,536-m)
writes for the IDT72281 and (131,072-m) writes for the IDT72291. The
offset “m” is the full offset value. The default setting for this value is stated in
the footnote of Table 1. This parameter is also user programmable. See
section on Programmable Flag Offset Loading.
When the FIFO is full, the Full Flag (FF) will go LOW, inhibiting further write
operations. If no reads are performed after a reset, FF will go LOW after D
writes to the FIFO. D = 65,536 writes for the IDT72281 and 131,072 for the
IDT72291, respectively.
If the FIFO is full, the first read operation will cause FF to go HIGH.
Subsequent read operations will cause PAF and HF to go HIGH at the
conditions described in Table 1. If further read operations occur, without
write operations, PAE will go LOW when there are n words in the FIFO,
where n is the empty offset value. Continuing read operations will cause the
FIFO to become empty. When the last word has been read from the FIFO,
the EF will go LOW inhibiting further read operations. REN is ignored when
the FIFO is empty.


Similar Part No. - DT72281_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
DT72T7295 IDT-DT72T7295 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
DT72V3654L10PF IDT-DT72V3654L10PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
DT72V3654L15PF IDT-DT72V3654L15PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
DT72V3664L10PF IDT-DT72V3664L10PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
More results

Similar Description - DT72281_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com