Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX822M063H5P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SLPX822M063H5P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX822M063H5P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SLPX822M063H5P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX822M063H5P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Temperature Range
–40 ºC to +85 ºC ≤ 250 Vdc
–25 ºC to +85 ºC ≥ 315 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
68 µF to 82,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 3 √CV µA at 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 10 (10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life
3,000 h @ full load @ 85 ºC
Δ Capacitance ±20%
ESR ≤200% of limit
DCL 100 % of limit
Shelf Life
1,000 h @ 85 ºC
Δ Capacitance ±15%
ESR ≤150% of limit
DCL 100 % of limit
Vibration
10 Hz to 55 Hz 0.06” and 10g max 2 h in each plane
RoHS Compliant
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
Type SLPX is the best value package snap-in series for 85 ºC,
3000 h operation. This series is the most cost-effective choice
for DC filtering and power supply applications where long life
and high ripple capability are needed.
Highlights
- 3000 h ripple load life at rated voltage
- 85 ºC rated
- Small case size with high capacitance
- Best for switching power supplies
- 22 mm to 35 mm diameter, 10 mm lead spacing
- Great value snap-in type
- High ripple current
Specifications
20 ºC - 45 ºC
55 ºC
65 ºC - 75 ºC
85 ºC
1.58
1.41
1.22
1.00
Voltage
60 Hz 120 Hz 1 kHz 10 kHz &
Up
10 - 100 Vdc
0.90
1.00
1.15
1.25
160 - 450 Vdc
0.80
1.00
1.15
1.47
To apply multipliers, see ratings tables for ripple current values
Frequency
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX822M063H5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX822M063H5P3 CDE-SLPX822M063H5P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX822M063H5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com