Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX822M063E4P3 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # SLPX822M063E4P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX822M063E4P3 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  SLPX822M063E4P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX822M063E4P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
250 Vdc (300 Vdc Surge)
315 Vdc (365 Vdc Surge)
330
SLPX331M250A3P3 0.603
0.452
1.66
2.44
22 x 30
1000 SLPX102M315H9P3 0.199
0.149
3.57
4.46
35 x 50
330
SLPX331M250C1P3 0.603
0.452
1.61
2.37
25 x 25
350 Vdc (400 Vdc Surge)
390
SLPX391M250A5P3 0.510
0.383
1.88
2.76
22 x 35
120
SLPX121M350A1P3 1.659
1.244
1.04
1.53
22 x 25
390
SLPX391M250C3P3 0.510
0.383
1.88
2.76
25 x 30
150
SLPX151M350A3P3 1.327
0.995
1.20
1.76
22 x 30
470
SLPX471M250A7P3 0.423
0.317
2.15
3.16
22 x 40
150
SLPX151M350C1P3 1.327
0.995
1.22
1.79
25 x 25
470
SLPX471M250C5P3 0.423
0.317
2.15
3.16
25 x 35
180
SLPX181M350A3P3 1.106
0.830
1.34
1.97
22 x 30
470
SLPX471M250E1P3 0.423
0.317
2.04
3.00
30 x 25
180
SLPX181M350C1P3 1.106
0.830
1.37
2.01
25 x 25
560
SLPX561M250A4P3 0.355
0.266
2.48
3.65
22 x 45
220
SLPX221M350A5P3 0.905
0.679
1.47
2.16
22 x 35
560
SLPX561M250C5P3 0.355
0.266
2.35
3.45
25 x 35
220
SLPX221M350C3P3 0.905
0.679
1.53
2.25
25 x 30
560
SLPX561M250E3P3 0.355
0.266
2.35
3.45
30 x 30
220
SLPX221M350E1P3 0.905
0.679
1.54
2.26
30 x 25
680
SLPX681M250C7P3 0.293
0.220
2.67
3.92
25 x 40
270
SLPX271M350A7P3 0.737
0.553
1.70
2.50
22 x 40
680
SLPX681M250E5P3 0.293
0.220
2.71
3.98
30 x 35
270
SLPX271M350C5P3 0.737
0.553
1.73
2.54
25 x 35
820
SLPX821M250C9P3 0.243
0.182
3.01
4.42
25 x 50
270
SLPX271M350E1P3 0.737
0.553
1.80
2.65
30 x 25
820
SLPX821M250E5P3 0.243
0.182
2.98
4.38
30 x 35
330
SLPX331M350A4P3 0.603
0.452
1.87
2.75
22 x 45
820
SLPX821M250H3P3 0.243
0.182
2.96
4.35
35 x 30
330
SLPX331M350C7P3 0.603
0.452
1.97
2.90
25 x 40
1000 SLPX102M250E5P3 0.199
0.149
3.20
4.70
30 x 35
330
SLPX331M350E3P3 0.603
0.452
2.03
2.98
30 x 30
1000 SLPX102M250E4P3 0.199
0.149
3.56
5.23
30 x 45
390
SLPX391M350C7P3 0.510
0.383
2.14
3.15
25 x 40
1000 SLPX102M250E9P3 0.199
0.149
3.73
5.48
30 x 50
390
SLPX391M350E5P3 0.510
0.383
2.23
3.28
30 x 35
1000 SLPX102M250H5P3 0.199
0.149
3.48
5.12
35 x 35
390
SLPX391M350H3P3 0.510
0.383
2.30
3.38
35 x 30
1200 SLPX122M250E9P3 0.166
0.125
3.99
5.87
30 x 50
470
SLPX471M350E5P3 0.423
0.317
2.53
3.72
30 x 35
1200 SLPX122M250H7P3 0.166
0.125
3.84
5.64
35 x 40
470
SLPX471M350H3P3 0.423
0.317
2.55
3.75
35 x 30
1500 SLPX152M250H4P3 0.133
0.100
4.33
6.37
35 x 45
560
SLPX561M350E7P3 0.355
0.266
2.73
4.01
30 x 40
1800 SLPX182M250H9P3 0.111
0.083
4.54
6.67
35 x 50
560
SLPX561M350H5P3 0.355
0.266
2.75
4.04
35 x 35
315 Vdc (365 Vdc Surge)
680
SLPX681M350H7P3 0.293
0.220
3.15
4.63
35 x 40
180
SLPX181M315A3P3 1.106
0.830
1.29
1.90
22 x 30
820
SLPX821M350H4P3 0.243
0.182
3.47
5.10
35 x 45
180
SLPX181M315C1P3 1.106
0.830
1.38
2.03
25 x 25
1000 SLPX102M350H9P3 0.199
0.149
3.60
5.29
35 x 50
220
SLPX221M315A5P3 0.905
0.679
1.41
2.07
22 x 35
385 Vdc (435 Vdc Surge)
220
SLPX221M315C3P3 0.905
0.679
1.47
2.16
25 x 30
82
SLPX820M385A1P3 2.427
1.820
0.76
1.12
22 x 25
270
SLPX271M315A7P3 0.737
0.553
1.70
2.50
22 x 40
100
SLPX101M385A3P3 1.990
1.493
0.89
1.31
22 x 30
270
SLPX271M315C3P3 0.737
0.553
1.70
2.50
25 x 30
120
SLPX121M385A3P3 1.659
1.244
0.98
1.44
22 x 30
330
SLPX331M315A4P3 0.603
0.452
1.91
2.81
22 x 45
120
SLPX121M385C1P3 1.659
1.244
1.02
1.50
25 x 25
330
SLPX331M315C5P3 0.603
0.452
1.94
2.85
25 x 35
150
SLPX151M385A5P3 1.327
0.995
1.12
1.65
22 x 35
330
SLPX331M315E3P3 0.603
0.452
1.98
2.91
30 x 30
150
SLPX151M385C3P3 1.327
0.995
1.14
1.68
25 x 30
390
SLPX391M315A9P3 0.510
0.383
2.07
3.04
22 x 50
180
SLPX181M385A7P3 1.106
0.830
1.27
1.87
22 x 40
390
SLPX391M315C7P3 0.510
0.383
2.11
3.10
25 x 40
180
SLPX181M385C5P3 1.106
0.830
1.30
1.91
25 x 35
390
SLPX391M315E3P3 0.510
0.383
2.15
3.16
30 x 30
180
SLPX181M385E1P3 1.106
0.830
1.37
2.01
30 x 25
470
SLPX471M315C4P3 0.423
0.317
2.39
3.51
25 x 45
220
SLPX221M385A4P3 0.905
0.679
1.42
2.09
22 x 45
470
SLPX471M315E5P3 0.423
0.317
2.38
3.50
30 x 35
220
SLPX221M385C5P3 0.905
0.679
1.48
2.18
25 x 35
470
SLPX471M315H3P3 0.423
0.317
2.36
3.47
35 x 30
220
SLPX221M385E3P3 0.905
0.679
1.49
2.19
30 x 30
560
SLPX561M315E7P3 0.355
0.266
2.63
3.87
30 x 40
270
SLPX271M385C7P3 0.737
0.553
1.61
2.37
25 x 40
560
SLPX561M315H5P3 0.355
0.266
2.69
3.95
35 x 35
270
SLPX271M385E5P3 0.737
0.553
1.64
2.41
30 x 35
680
SLPX681M315E4P3 0.293
0.220
2.80
4.12
30 x 45
330
SLPX331M385C9P3 0.603
0.452
1.80
2.65
25 x 50
680
SLPX681M315H7P3 0.293
0.220
3.05
4.48
35 x 40
330
SLPX331M385E7P3 0.603
0.452
1.85
2.72
30 x 40
820
SLPX821M315E9P3 0.243
0.182
3.28
4.82
30 x 50
330
SLPX331M385H3P3 0.603
0.452
1.87
2.75
35 x 30
820
SLPX821M315H4P3 0.243
0.182
3.45
5.07
35 x 45
390
SLPX391M385E7P3 0.510
0.383
2.05
3.01
30 x 40
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX822M063E4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX822M063E4P3 CDE-SLPX822M063E4P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX822M063E4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com