Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA4ZHA33Q Datasheet(PDF) 11 Page - STMicroelectronics

Part # OA4ZHA33Q
Description  Fitness and healthcare
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4ZHA33Q Datasheet(HTML) 11 Page - STMicroelectronics

Back Button OA4ZHA33Q Datasheet HTML 7Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 8Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 9Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 10Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 11Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 12Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 13Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 14Page - STMicroelectronics OA4ZHA33Q Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
OA1ZHA, OA2ZHA, OA4ZHA
Electrical characteristic curves
DocID025994 Rev 2
11/35
4
Electrical characteristic curves
Figure 2: Supply current vs. supply voltage
Figure 3: Input offset voltage distribution at VCC = 5 V
Figure 4: Input offset voltage distribution at VCC = 3.3 V
Figure 5: Input offset voltage distribution at VCC = 1.8 V
Figure 6: Vio temperature co-efficient distribution
(-40 °C to 25 °C)
Figure 7: Vio temperature co-efficient distribution
(25 °C to 125 °C)


Similar Part No. - OA4ZHA33Q

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA406 ORIONFANS-OA406 Datasheet
540Kb / 1P
   1U High Fan Tray with Redundant Power
OA406 ORIONFANS-OA406 Datasheet
5Mb / 8P
   AC & EC FANS
OA406PS ORIONFANS-OA406PS Datasheet
5Mb / 8P
   AC & EC FANS
logo
List of Unclassifed Man...
OA47 ETC1-OA47 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
OA47 ETC1-OA47 Datasheet
356Kb / 11P
   GOLD BONDED, GERMANIUM DIODE
More results

Similar Description - OA4ZHA33Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GG25L STMICROELECTRONICS-GG25L Datasheet
586Kb / 28P
   Fitness and healthcare
February 2014 Rev 1
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
   Sports and Fitness
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
   Fitness, wellness and sports
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
   Fitness Accessories
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
   Fitness and activity heart rate monitors
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Advantech Co., Ltd.
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
   10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
   21.5' Healthcare Information Terminal
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
   7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
   Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com