Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43A Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # P6KE43A
Description  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P6KE43A Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  P6KE43A Datasheet HTML 1Page - HY ELECTRONIC CORP. P6KE43A Datasheet HTML 2Page - HY ELECTRONIC CORP. P6KE43A Datasheet HTML 3Page - HY ELECTRONIC CORP. P6KE43A Datasheet HTML 4Page - HY ELECTRONIC CORP. P6KE43A Datasheet HTML 5Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
@ VR
Max.
Clamping
Voltage
@ Ipp
Max.
Peak
Pulse
Current
Max.
Voltage
Temp.
Variation
of Bv
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(µA)
Vc(V)
Ipp(A)
mV/℃
P6KE6.8
P6KE6.8C
5.50
6.12
7.48
10
1000
10.8
56.0
0.057
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.14
10
1000
10.5
57.0
0.057
P6KE7.5
P6KE7.5C
6.05
6.75
8.25
10
500
11.7
51.0
0.061
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10
500
11.3
53.0
0.061
P6KE8.2
P6KE8.2C
6.63
7.38
9.02
10
200
12.5
48.0
0.065
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
200
12.1
50.0
0.065
P6KE9.1
P6KE9.1C
7.37
8.19
10.00
1
50
13.8
44.0
0.068
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
50
13.4
45.0
0.068
P6KE10
P6KE10C
8.10
9.00
11.00
1
10
15.0
40.0
0.073
P6KE10A
P6KE10CA
8.55
9.50
10.50
1
10
14.5
41.0
0.073
P6KE11
P6KE11C
8.92
9.90
12.10
1
5
16.2
37.0
0.075
P6KE11A
P6KE11CA
9.40
10.50
11.60
1
5
15.6
38.0
0.075
P6KE12
P6KE12C
9.72
10.80
13.20
1
5
17.3
35.0
0.078
P6KE12A
P6KE12CA
10.20
11.40
12.60
1
5
16.7
36.0
0.078
P6KE13
P6KE13C
10.50
11.70
14.30
1
5
19.0
32.0
0.081
P6KE13A
P6KE13CA
11.10
12.40
13.70
1
5
18.2
33.0
0.081
P6KE15
P6KE15C
12.10
13.50
16.50
1
5
22.0
27.0
0.084
P6KE15A
P6KE15CA
12.80
14.30
15.80
1
5
21.2
28.0
0.084
P6KE16
P6KE16C
12.90
14.40
17.60
1
5
23.5
26.0
0.086
P6KE16A
P6KE16CA
13.60
15.20
16.80
1
5
22.5
27.0
0.086
P6KE18
P6KE18C
14.50
16.20
19.80
1
5
26.5
23.0
0.088
P6KE18A
P6KE18CA
15.30
17.10
18.90
1
5
25.2
24.0
0.088
P6KE20
P6KE20C
16.20
18.00
22.00
1
5
29.1
21.0
0.090
P6KE20A
P6KE20CA
17.10
19.00
21.00
1
5
27.7
22.0
0.090
P6KE22
P6KE22C
17.80
19.80
24.20
1
5
31.9
19.0
0.092
P6KE22A
P6KE22CA
18.80
20.90
23.10
1
5
30.6
20.0
0.092
P6KE24
P6KE24C
19.40
21.60
26.40
1
5
34.7
17.0
0.094
P6KE24A
P6KE24CA
20.50
22.80
25.20
1
5
33.2
18.0
0.094
P6KE27
P6KE27C
21.80
24.30
29.70
1
5
39.1
15.0
0.096
P6KE27A
P6KE27CA
23.10
25.70
28.40
1
5
37.5
16.0
0.096
P6KE30
P6KE30C
24.30
27.00
33.00
1
5
43.5
14.0
0.097
P6KE30A
P6KE30CA
25.60
28.50
31.50
1
5
41.4
14.4
0.097
P6KE33
P6KE33C
26.80
29.70
36.30
1
5
47.7
12.6
0.098
P6KE33A
P6KE33CA
28.20
31.40
34.70
1
5
45.7
13.2
0.098
P6KE36
P6KE36C
29.10
32.40
39.60
1
5
52.0
11.6
0.099
P6KE36A
P6KE36CA
30.80
34.20
37.80
1
5
49.9
12.0
0.099
P6KE39
P6KE39C
31.60
35.10
42.90
1
5
56.4
10.5
0.100
P6KE39A
P6KE39CA
33.30
37.10
41.00
1
5
53.9
11.2
0.100
P6KE43
P6KE43C
34.80
38.70
47.30
1
5
61.9
9.6
0.101
P6KE43A
P6KE43CA
36.80
40.90
45.20
1
5
59.3
10.1
0.101
P6KE47
P6KE47C
38.10
42.30
51.70
1
5
67.8
8.9
0.101
P6KE47A
P6KE47CA
40.20
44.70
49.40
1
5
64.8
9.3
0.101
P6KE51
P6KE51C
41.30
45.90
56.10
1
5
73.5
8.2
0.102
P6KE51A
P6KE51CA
43.60
48.50
53.60
1
5
70.1
8.6
0.102
P6KE56
P6KE56C
45.40
50.40
61.60
1
5
80.5
7.4
0.103
P6KE56A
P6KE56CA
47.80
53.20
58.80
1
5
77.0
7.8
0.103
Rev. 7, 16-Mar-2017
Breakdown
Voltage
BV Lolts@lt
P6KE SERIES


Similar Part No. - P6KE43A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE43A MOTOROLA-P6KE43A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE43A VISHAY-P6KE43A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
UNIOHM CORPORATION
P6KE43A UNIOHM-P6KE43A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6KE43A SUNMATE-P6KE43A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
First Silicon Co., Ltd
P6KE43A FS-P6KE43A Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
More results

Similar Description - P6KE43A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com