Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVT12120UB Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # SVT12120UB
Description  EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT12120UB Datasheet(HTML) 5 Page - Pan Jit International Inc.

  SVT12120UB_16 Datasheet HTML 1Page - Pan Jit International Inc. SVT12120UB_16 Datasheet HTML 2Page - Pan Jit International Inc. SVT12120UB_16 Datasheet HTML 3Page - Pan Jit International Inc. SVT12120UB_16 Datasheet HTML 4Page - Pan Jit International Inc. SVT12120UB_16 Datasheet HTML 5Page - Pan Jit International Inc. SVT12120UB_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PSVT12120UB
June 16,2016-REV.01
Page 5
Part No_packing code_Version
SVT12120UB_R2_00001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Similar Part No. - SVT12120UB_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT12120UB PANJIT-SVT12120UB Datasheet
229Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SVT12120UB_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT12150UB PANJIT-SVT12150UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15100UB PANJIT-SVT15100UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15120U PANJIT-SVT15120U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UDC PANJIT-SBT40100UDC Datasheet
276Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT2080UA PANJIT-SVT2080UA Datasheet
256Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20150U PANJIT-SVT20150U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT5100UF PANJIT-SRT5100UF_16 Datasheet
261Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVM860U PANJIT-SVM860U_16 Datasheet
285Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30100UFYT PANJIT-SBT30100UFYT Datasheet
282Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT880XF PANJIT-SRT880XF_16 Datasheet
364Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20120U PANJIT-SVT20120U Datasheet
227Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com