Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20U2731-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # P20U2731-F
Description  Conformally coated, axial leaded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

P20U2731-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  P20U2731-F Datasheet HTML 1Page - Cornell Dubilier Electronics P20U2731-F Datasheet HTML 2Page - Cornell Dubilier Electronics P20U2731-F Datasheet HTML 3Page - Cornell Dubilier Electronics P20U2731-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type P10 to P40 Multilayer Ceramic Capacitors
Axial Leaded Capacitors
The Type P10 to P40 axial leaded, conformally coated, multilayer
ceramic capacitors offer a wide range of temperature coefficients
that are excellent for filtering, bypass and coupling applications
Highlights
• Conformally coated, axial leaded
• Available on tape and reel
• IECQ Approved to:
QC300601/US0001 - NPO
QC300701/US0003- X7R
QC300701/US0001-Z5U
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Coefficient:
Withstand Voltage:
Available on Tape and Reel:
10 pF to 1.0 µF
50, 100, 200 WVdc
See ratings tables
COG (NPO), X7R, Z5U
250% of rated voltage is applied for 1 to 5 sec.
Add ‘TR’ to end of catalog part number
Ratings
Catalog
Size
Catalog
Size
Catalog
Size
Cap Part Number
D
L
Cap Part Number
D
L
Cap Part Number
D
L
(Inches)
(Inches)
(Inches)
10 pF
P10G100*1-F
0.1
0.17
120 pF
P10G121*1-F
0.1
0.17
1500 pF
P20G152*1-F
0.1
0.26
12 pF
P10G120*1-F
0.1
0.17
150 pF
P10G151*1-F
0.1
0.17
1800 pF
P20G182*1-F
0.1
0.26
15 pF
P10G150*1-F
0.1
0.17
180 pF
P10G181*1-F
0.1
0.17
2200 pF
P20G222*1-F
0.1
0.26
18 pF
P10G180*1-F
0.1
0.17
220 pF
P10G221*1-F
0.1
0.17
2700 pF
P30G272*1-F
0.15
0.29
22 pF
P10G220*1-F
0.1
0.17
270 pF
P10G271*1-F
0.1
0.17
3300 pF
P30G332*1-F
0.15
0.29
27 pF
P10G270*1-F
0.1
0.17
330 pF
P10G331*1-F
0.1
0.17
3900 pF
P30G392*1-F
0.15
0.29
33 pF
P10G330*1-F
0.1
0.17
390 pF
P10G391*1-F
0.1
0.17
4700 pF
P30G472*1-F
0.15
0.29
39 pF
P10G390*1-F
0.1
0.17
470 pF
P10G471*1-F
0.1
0.17
5600 pF
P30G562*1-F
0.15
0.29
47 pF
P10G470*1-F
0.1
0.17
560 pF
P10G561*1-F
0.1
0.17
6800 pF
P30G682*1-F
0.15
0.29
56 pF
P10G560*1-F
0.1
0.17
680 pF
P10G681*1-F
0.1
0.17
8200 pF
P30G822*1-F
0.15
0.29
68 pF
P10G680*1-F
0.1
0.17
820 pF
P10G821*1-F
0.1
0.17
.010 uF
P40G103*1-F
0.15
0.40
82 pF
P10G820*1-F
0.1
0.17
1000 pF
P10G102*1-F
0.1
0.17
.012 uF
P40G123*1-F
0.15
0.40
100 pF
P10G101*1-F
0.1
0.17
1200 pF
P20G122*1-F
0.1
0.26
.015 uF
P40G153*1-F
0.15
0.40
COG (NPO) Temperature Coefficient
200 Vdc
Catalog
Size
Catalog
Size
Cap
Part Number
D
L
Cap
Part Number
D
L
(Inches)
(Inches)
10 pF
P10G100*2-F
0.1
0.17
68 pF
P10G680*2-F
0.1
0.17
12 pF
P10G120*2-F
0.1
0.17
82 pF
P10G820*2-F
0.1
0.17
15 pF
P10G150*2-F
0.1
0.17
100 pF
P10G101*2-F
0.1
0.17
18 pF
P10G180*2-F
0.1
0.17
120 pF
P10G121*2-F
0.1
0.17
22 pF
P10G220*2-F
0.1
0.17
150 pF
P10G151*2-F
0.1
0.17
33 pF
P10G330*2-F
0.1
0.17
180 pF
P10G181*2-F
0.1
0.17
39 pF
P10G390*2-F
0.1
0.17
220 pF
P10G221*2-F
0.1
0.17
47 pF
P10G470*2-F
0.1
0.17
270 pF
P10G271*2-F
0.1
0.17
56 pF
P10G560*2-F
0.1
0.17
COG (NPO) Temperature Coefficient
100 Vdc
*Insert proper letter symbol for tolerance.
J = ±5%, K = ±10%
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd), Hexavalent
chromium (Cr(VI)), PolyBrominated Biphe-
nyls (PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - P20U2731-F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Schneider Electric
P20 SCHNEIDER-P20 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Harwin Plc
P20-0345R HARWIN-P20-0345R Datasheet
74Kb / 1P
   PITCH 2.5mm HEIGHT 4.2mm 3-POS POGO PIN CONNECTOR
P20-0445R HARWIN-P20-0445R Datasheet
74Kb / 1P
   PITCH 2.5mm HEIGHT 4.2mm 4-POS POGO PIN CONNECTOR
More results

Similar Description - P20U2731-F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
   Conformally Coated Axial Leaded MLC
SA101C102KAN AVX-SA101C102KAN Datasheet
261Kb / 6P
   AVX SA Series Conformally Coated Axial Leaded MLC
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
AVX Corporation
SR215C683KAA AVX-SR215C683KAA Datasheet
177Kb / 4P
   Conformally Coated Radial Leaded MLC
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com