Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1080 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1080
Description  Integrated Circuit TV Video Processor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1080 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1080
Integrated Circuit
TV Video Processor
Features:
D For Reverse AGC
D Sufficient Gain and Quieting Sensitivity
D Stable Gain Over the Wide Band
D Small Wave Distortion with AGC
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Voltage
V11
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7, V8
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V1, V2
10VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V6, V10
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V5
–20V to +10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA ≤ +65°C), PDmax
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, V11 = 12V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
AGC Range
f = 58MHz, 5V to 7V
60
dB
Power Gain
PG
f = 58MHz
44
50
55
dB
Noise Figure
NF
RS = 50Ω, f = 58MHz
7.0
dB
Maximum Output Voltage
vo
AGC, 0 to –30dB
200
mVrms
RF AGC Voltage Range
Max V12
8.2
V
Min V12
–6.0
V
Output Voltage Drift
∆vo
IF Attenuation = 60dB
0.3
dB
IF Gain Drift
∆PG
Within RF AGC Operation
10
17
dB
RF AGC Delay
V13
IF Attenuation = 30dB
6.0
7.0
8.0
V
Output Stage Current
Io
I7 + I8
8.5
mA
Total Dissipation Current
ICC
I7 + I8 + I11
28
33
mA
Total Power Dissipation
PD
336
396
mW


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn