Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-U92-A410-1X01-XX Datasheet(PDF) 3 Page - Amphenol Corporation

Part # P-U92-A410-1X01-XX
Description  16X MINI SAS HD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U92-A410-1X01-XX Datasheet(HTML) 3 Page - Amphenol Corporation

  P-U92-A410-1X01-XX Datasheet HTML 1Page - Amphenol Corporation P-U92-A410-1X01-XX Datasheet HTML 2Page - Amphenol Corporation P-U92-A410-1X01-XX Datasheet HTML 3Page - Amphenol Corporation P-U92-A410-1X01-XX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
ABSOLUTE (PART) CL
2.5
RELATIVE (MODULE) CL
7
13.5
RELATIVE (MODULE) CL
18
4
RELATIVE (MODULE) CL
8.5
15
RELATIVE (MODULE) CL
19.5
0
2.5
3.25
4
4.75
5.5
6.25
7
7.75
8.5
11
13.5
14.25
15
15.75
16.5
17.25
18
18.75
19.5
22
24
2.5
3.25
4
4.75
5.5
6.25
7
7.75
8.5
11
13.5
14.25
15
15.75
16.5
17.25
18
18.75
19.5
22
24
2.6
0.4
L
D
C
B
A
B
C
D
1
2
3
4
5
6
7
8
8
76
5
4
3
2
1
E
F
E
F
SHEET 3 OF 4
L
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
DWG. NO.
SIZE
ME APPR.
QA APPR.
CHECKED
DRAWN
TOLERANCES ARE:
A
DO NOT SCALE DRAWING
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenol-highspeed.com
DWG APPR.
DIMENSIONS ARE IN MILLIMETERS
ENG. REL. NO.
DECIMALS
.X 0.2
.XX 0.1
ANGLES
X
X.X
0.5°
NSCM:
PROJECT:
APPROVAL
DATE
DESCRIPTION
APPROVED
DATE
REV.
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-U92-A410-1X01-XX
16X MINI SAS HD
CAGE AND CONNECTOR
4 PORT ASSEMBLY
ZLJ
K.SOBEL
A.G.
FEB 09/10
FEB 09/10
FEB 09/10
HD
L
SEE SHEET ONE
MAY 15/12
ZLJ
RECOMMENDED 4 PORT MOUNT
PCB LAYOUT
COMPONENT SIDE SHOWN
0.05 L M N
0.05 REL. CL (SEE NOTE 1)
0.05 L M N
0.05 L M
0.05 REL. CL (SEE NOTE 1)
M
N
18 X
0.57±0.05
4 X
2.2
144 X
0.37±0.05
A9
DETAIL F
SCALE 8 : 1
WITH PIN NUMBERS SHOWN
D9
D1
C9
C1
B9
B1
A1
CROSS-HATCHED AREA
DENOTES COMPONENT
AND TRACE KEEP-OUT
NOTES:
ALL HOLES MUST FALL WITHIN POSITIONAL
1.
TOLERANCES RELATIVE TO INDIVIDUAL CONNECTOR
ASSEMBLY AS WELL AS COMPLETED CAGE ASSEMBLY.
DATUM M AND N ESTABLISHED BY CUSTOMER'S
2.
FUDUCIAL.
ALL HOLE DIMENSIONS DENOTE FINISHED HOLE SIZES.
3.


Similar Part No. - P-U92-A410-1X01-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U92-A1X0-1X0X-XX AMPHENOL-P-U92-A1X0-1X0X-XX Datasheet
286Kb / 4P
   4X MIN SAS HD
P-U92-A2X0-1X0X-XX AMPHENOL-P-U92-A2X0-1X0X-XX Datasheet
298Kb / 4P
   8X MINI SAS HD
More results

Similar Description - P-U92-A410-1X01-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U92-A2X0-1X0X-XX AMPHENOL-P-U92-A2X0-1X0X-XX Datasheet
298Kb / 4P
   8X MINI SAS HD
logo
TE Connectivity Ltd
408-10466 TEC-408-10466 Datasheet
108Kb / 2P
   HD Mini-SAS Removal Tools
logo
FCI connector
10112626-101LF FCI-CONNECTOR-10112626-101LF Datasheet
1,017Kb / 3P
   Mini-SAS HD Next generation SAS storage interface
logo
TE Connectivity Ltd
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
108-152051 TEC-108-152051 Datasheet
85Kb / 5P
   External Mini-SAS HD Cable Assembly System
C-2198483 TEC-C-2198483 Datasheet
873Kb / 4P
   RECEPTACLE ASSEMBLY, MINI-SAS HD, 2X W/ LIGHT PIPES
logo
Amphenol Corporation
P-U92-A1X0-1X0X-XX AMPHENOL-P-U92-A1X0-1X0X-XX Datasheet
286Kb / 4P
   4X MIN SAS HD
logo
Tripp Lite. All Rights ...
S50618N TRIPPLITE-S50618N Datasheet
493Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506-18N TRIPPLITE-S506-18N Datasheet
494Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506003 TRIPPLITE-S506003 Datasheet
491Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com