Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B335K020AS-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # T491B335K020AS-F
Description  Solid Tantalum Chip Capacitors for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T491B335K020AS-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  T491B335K020AS-F Datasheet HTML 1Page - Cornell Dubilier Electronics T491B335K020AS-F Datasheet HTML 2Page - Cornell Dubilier Electronics T491B335K020AS-F Datasheet HTML 3Page - Cornell Dubilier Electronics T491B335K020AS-F Datasheet HTML 4Page - Cornell Dubilier Electronics T491B335K020AS-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type T491 Solid Tantalum Chip Capacitors
Dimensions
Notes: 1 Metric dimensions govern
2 (Ref) - Dimensions provided for reference only
** Round Glue Pad 2.9 ±0.1mm (.114 ±.004) in diameter at Supplier's option
Low Profile Capacitor Dimensions
Millimeters (Inches)
Notes: 1 Metric dimensions govern
2 (Ref) - Dimensions provided for reference only
3 No dimensions provided for B, P or R because low profile cases do not have a bevel or notch
Millimeters (Inches)
EIA/
BX
P
R
T
A
G
E
CDE IECQ
L
W
H
K
F
S
(Ref)
(Ref)
(Ref) (Ref) (Ref) (Min) (Ref) (Ref)
A
3216-18
3.2 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
0.9 ± 0.2
1.2 ± 0.1
0.8 ± 0.3
0.4 ± 0.15
0.10 ± 0.10
0.4
0.4
0.13
0.8
1.1
1.3
(.126 ± .008) (.063 ± .008) (.063 ± .008) (.035 ± .008) (.047 ± .004) (.031 ± .012) (.016 ± .006) (.004 ± .004) (0.016) (0.016) (0.005)
(0.031)
(0.043) (0.051)
B
3528-21
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.2
1.1 ± 0.2
2.2 ± 0.1
0.8 ± 0.3
0.4 ± 0.15
0.10 ± 0.10
0.5
1
0.13
1.1
1.8
2.2
(.138 ± .008) (.110 ± .008) (.075 ± .008) (.043 ± .008) (.087 ± .004) (.031 ± .012) (.016 ± .006) (.004 ± .004)
(0.02)
(0.039) (0.005)
(0.043)
(0.071) (0.087)
C
6032-28
6.0 ± 0.3
3.2 ± 0.3
2.5 ± 0.3
1.4 ± 0.2
2.2 ± 0.1
1.3 ± 0.3
0.5 ± 0.15
0.10 ± 0.10
0.9
1
0.13
2.5
2.8
2.9
(.236 ± .012) (.126 ± .012) (.098 ± .012) (.055 ± .008) (.087 ± .004) (.051 ± .012) (.020 ± .006) (.004 ± .004) (0.035) (0.039) (0.005)
(0.098)
(0.11)
(0.114)
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.5 ± 0.2
2.4 ± 0.1
1.3 ± 0.3
0.5 ± 0.15
0.10 ± 0.10
0.9
1
0.13
3.8
3.5
3.5
(.287 ± .012) (.169 ± .012) (.110 ± .012) (.059 ± .008) (.094 ± .004) (.051 ± .012) (.020 ± .006) (.004 ± .004) (0.035) (0.039) (0.005)
(0.15}
(0.138) (0.138}
X
7343-43
7.3 ± 0.3
4.3 ± 0.3
4.0 ± 0.3
2.3 ± 0.2
2.4 ± 0.1
1.3 ± 0.3
0.5 ± 0.15
0.10 ± 0.10
1.7
1
0.13
3.8
3.5**
3.5**
(.287 ± .012) (.169 ± .012) (.157 ± .012) (.091 ± .008) (.094 ± .004) (.051 ± .012) (.020 ± .006) (.004 ± .004) (0.067) (0.039) (0.005)
(0.15)
(0.138} (0.138)
EIA/
B
X
P
R
T
A
G
E
CDE IECQ
L
W
H Max.
K Min.
F
S
(Ref)
(Ref)
(Ref) (Ref) (Ref) (Min) (Ref) (Ref)
S
3216-12
3.2 ± 0.2
1.6 ± 0.2
1.2
0.3
1.2 ± 0.1
0.8 ± 0.3
Note
0.05
Note
Note
0.13
0.8
1.1
1.3
(.126 ± .008) (.063 ± .008)
(0.047)
(0.012)
(.047 ± .004) (.031 ± .012)
3
(0.002)
3
3
(0.005) (0.031) (0.043) (0.051)
T
3528-12
3.5 ± 0.2
2.8 ± 0.2
1.2
0.3
2.2 ± 0.1
0.8 ± 0.3
Note
0.05
Note
Note
0.13
1.1
1.8
2.2
(.138 ± .008) (.110 ± .008)
(0.047)
(0.012)
(.087 ± .004) (.031 ± .012)
3
(0.002)
3
3
(0.005) (0.043) (0.071) (0.087)
Capacitor Outline Drawing
Part Numbering System
Cathode (–) End
View
Side View
Anode (+) End
View
Bottom View
W
H
S
S
B
B
G
F
Notch at
Supplier’s Option
A
L
E
R
P
K
X
T
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
T491
A
106
K
025
A
S
–F
Series Case Capacitance Tolerance
Voltage
Failure Rate
Level
RoHS
Compliant
T491
S, D
105 = 1.0 µF
K = ±10%
004 = 4 Vdc A = Not Applicable
T, X
226 = 22 µF
M = ±20%
035= 35 Vdc
A, B, C 227 = 220 µF
(100%
Matte Tin finish
on terminals)


Similar Part No. - T491B335K020AS-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B335K020AT KEMET-T491B335K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B335K020AS-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com