Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD2040A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. SD2040A
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

SD2040A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AC molded plastic
Polarity: As marked on the body
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward
Rectified Current ( See Fig.1)
@TC=95 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 20A DC(Note1)
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Thermal Resistance(Note2)
RθJc
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
IR
0.5
mA
50
1.5
-55 to +200
-55 to +200
NOTES:1.300us pulse width,2% dudy cycle.
2.Thermal Resistance Junction to case(without heatsink).
I(AV)
20
A
IFSM
400
UNIT
45
A
0.6
28
31.5
40
SD2045A
40
45
SD2040A thru SD2045A
PHOTOVOLTAIC SOLAR CELL
PROTECTION SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 40 to 45 Volts
FORWARD CURRENT - 20 Amperes
Metal of silicon rectifier , majority carrier conduction
Plastic package has UL flammability
classification 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
CHARACTERISTICS
SYMBOL
SD2040A
TO-220AC
.012(0.3)
.024(0.6)
.055(1.4)
.047(1.2)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.057(1.45)
.045(1.14)
.04 MAX
(1.0)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.177
(4.5)
MAX
.135(3.44)
.103 (2.62)
.173(4.4)
.189(4.8)
MAX
(3.5)
.138


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn