Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10P45L Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # S10P45L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

S10P45L Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  S10P45L_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. S10P45L_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. S10P45L_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low forward voltage drop, low power losses
High efficiency Operation
Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std..(Halogen Free)
MECHANICAL DATA
Case: TO-277A (SMPC)
Terminals: Solderable per MIL-STD-750, Method 2026
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
Io
A
IFSM
A
@IF=3A
@IF=5A
@IF=10A
@IF=3A
@IF=5A
@IF=10A
TJ=25℃
mA
TJ=125℃
mA
RθJA
/W
RθJC
/W
TJ
TSTG
Note: 1. Mounted on 50 cm
2 FR-4 PCB.
2.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
Storage Junction Temperature
-55 to +150
Typical Thermal Resistance,Junction to Ambient (Note 1)
60
Operating Junction Temperature
-55 to +150
Typical Thermal Resistance,Junction to Case (Note 1)
8
V
Instantaneous Reverse Current @VR=45V
IR
0.25 (MAX.)
8.6 (TYP.)
0.44(TYP.)
0.41(TYP.)
0.47(MAX.)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
275
VF
0.34(TYP.)
TJ=25℃
Instantaneous Forward voltage
TJ=125℃
0.38(TYP.)
0.27(TYP.)
0.32(TYP.)
Maximum DC Blocking Voltage
45
Maximum Average Forward Rectified Current (Note 1) TC=110℃
10
Maximum Recurrent Peak Reverse Voltage
45
Maximum RMS Voltage
31.5
Dimensions in inches and (millimeters)
CHARACTERISTICS
S10P45L
S10P45L
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 45Volts
FORWARD CURRENT - 10.0 Amperes
●Ideal for automated placement
TO-277A
(2.13)
NOM.
.047(1.2)
.240(6.1)
.258(6.55)
.039(1.0)
.084
.232(5.9)
.246(6.25)


Similar Part No. - S10P45L_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S10P45L HY-S10P45L Datasheet
375Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
More results

Similar Description - S10P45L_17

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com