Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK100M050ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SEK100M050ST
Description  Available in T&R and ammo pack
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK100M050ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SEK100M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK100M050ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Outline Drawing
Temperature Characteristics
Load Life Characteristics
Part Numbering System
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SEK
100
M
100
S
T
3R0 = 3
K = ±10
6R3 = 6.3
A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10
E = Different Characteristic
2 = Lead form
101 = 100
100 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
L
S 0.5
15 Min.
D
5
PVC Sleeve
d 0.05
+
-
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length
Outline Dimensions
(Millimeters)
Case vented on
diameters 6.3 and greater
5
-40
0
10
40
80
% C
Temperature gC
Capacitance Change Ratio
20
0
-10
-20
1 F 50V
100 F 25V
Temperature gC
Dissipation Factor Change
-40
0
40
80
% DF
200
100
50
10
5
1
1 F 50V
100 F 25V
5
0
250
10
500
750
% C
Time In Hours
Capacitance Change Ratio
0
-10
-20
470 F 25V
Time In Hours
Leakage Current Change
0
250
500
750
% LC
100
50
10
1
100 F 160V
470 F 25V
1000
1000
0
250
40
500
750
% DF
Time In Hours
Dissipation Factor Change
30
20
10
100 F 160V
470 F 25V
1000
100 F 160V


Similar Part No. - SEK100M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK100M050ST CDE-SEK100M050ST Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results

Similar Description - SEK100M050ST

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
   Bulk, tape and reel or ammo pack
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com