Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTBH805KNPIR-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # OTBH805KNPIR-F
Description  Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

OTBH805KNPIR-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  OTBH805KNPIR-F Datasheet HTML 1Page - Cornell Dubilier Electronics OTBH805KNPIR-F Datasheet HTML 2Page - Cornell Dubilier Electronics OTBH805KNPIR-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type OTB DC/AC Dual Rated Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
Type OTB is a capacitor with a robust construction con-
sisting of a paper or a combination of paper and film
dielectric system with foil electrodes, and is protected
by a pressure sensitive interrupter. The OTB may be
used for all normal DC blocking, filtering and bypass
applications as well as AC motor-run and other 60 Hz
applications. Type OTB is supplied in an oval metal
case with easy to use solder lug terminals positioned
in plastic insulator cups.
Highlights
Protected: Pressure sensitive interrupter
Good for DC and 60 Hz AC applications
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
0.1µF to 35.0 µF
400 Vdc / 236 Vac
600 Vdc / 330 Vac
1000 Vdc / 440 Vac 1500 Vdc / 660 Vac
2000 Vdc / 700 Vac 2500 Vdc / 800 Vac
3000 Vdc / 950 Vac
±10%
–55 ºC to 85 ºC
Outline Drawing
Mounting Brackets
Case Code
Bracket
A
32107-1
C
32107-2
D
32107-3
RoHS Compliant


Similar Part No. - OTBH805KNPIR-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
OTBH805KNPIR-F CDE-OTBH805KNPIR-F Datasheet
148Kb / 2P
   DC/AC Dual Rated Capacitors Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
OTBH805KNPIR-F CDE-OTBH805KNPIR-F Datasheet
415Kb / 3P
   DC/AC Dual Rated Capacitors
More results

Similar Description - OTBH805KNPIR-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
OTBE305KNPIR-F CDE-OTBE305KNPIR-F Datasheet
148Kb / 2P
   DC/AC Dual Rated Capacitors Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
Vishay Siliconix
KP1830233061 VISHAY-KP1830233061 Datasheet
99Kb / 10P
   AC and Pulse Film Foil Capacitors
Revision: 16-Jan-09
logo
List of Unclassifed Man...
K73-11 ETC-K73-11 Datasheet
2Mb / 176P
   FILM AND PAPER-FILM CAPACITORS
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
103P VISHAY-103P Datasheet
83Kb / 2P
   Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
Revision 17-Nov-03
logo
Illinois Capacitor, Inc...
152MWS402KG ILLINOISCAPACITOR-152MWS402KG Datasheet
380Kb / 3P
   Metallized Polyester Film Capacitors for High Voltage Applications
152MWS402KG ILLINOISCAPACITOR-152MWS402KG_13 Datasheet
610Kb / 4P
   Metallized Polyester Film Capacitors for High Voltage Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com