Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1236 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1236
Description  ESD Clamp Array for High Speed Data Line Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1236 Datasheet(HTML) 1 Page - ON Semiconductor

  CM1236 Datasheet HTML 1Page - ON Semiconductor CM1236 Datasheet HTML 2Page - ON Semiconductor CM1236 Datasheet HTML 3Page - ON Semiconductor CM1236 Datasheet HTML 4Page - ON Semiconductor CM1236 Datasheet HTML 5Page - ON Semiconductor CM1236 Datasheet HTML 6Page - ON Semiconductor CM1236 Datasheet HTML 7Page - ON Semiconductor CM1236 Datasheet HTML 8Page - ON Semiconductor CM1236 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
January, 2014 − Rev. 5
1
Publication Order Number:
CM1236/D
CM1236
ESD Clamp Array for High
Speed Data Line Protection
Product Description
The CM1236 is ideal for protecting systems with high data and
clock rates or for circuits requiring low capacitive loading and tightly
controlled signal skews (with channel−to−channel matching at 2%
max deviation).
The device is particularly well−suited for protecting systems using
high−speed ports such as DisplayPort or HDMI, along with
corresponding ports in removable storage, digital camcorders,
DVD−RW drives and other applications where extremely low loading
capacitance with ESD protection are required.
The CM1236 also features easily routed “pass−through” pinouts in a
RoHS compliant (lead−free), 16−lead WDFN, small footprint
package.
Features
ESD Protection for 4 Pairs of Differential Channels
ESD Protection to:
• IEC61000−4−2 Level 4 (ESD) at ±8 kV Contact Discharge
• IEC61000−4−4 (EFT) 40 A (5/50 ns)
• IEC61000−4−5 (Lighting) 3.5 A (8/20 ms)
Pass−through Impedance Matched Clamp Architecture
Flow−through Routing for High−speed Signal Integrity
Minimal Line Capacitance Change with Temperature and Voltage
100 W Matched Impedance for Each Paired Differential Channel
Each I/O Pin can Withstand Over 1000 ESD Strikes*
RoHS Compliant (lead−free) WDFN−16 Package
Applications
DVI, DisplayPort, and HDMI Ports in Notebooks, Set Top Boxes,
Digital TVs, and LCD Displays
General Purpose High−speed Data Line ESD Protection
*Standard test condition is IEC61000−4−2 level 4 test circuit with each pin
subjected to ±8 kv contact discharge for 1000 pulses. Discharges are timed at
1 second intervals and all 1000 strikes are completed in one continuous test run.
The part is then subjected to standard production test to verify that all of the
tested parameters are within spec after the 1000 strikes.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
16
WDFN16
DE SUFFIX
CASE 511AY
(Bottom View)
PINOUT DIAGRAM
In_1+
In_1−
In_2+
In_2−
In_3+
In_3−
In_4+
In_4−
GND
Out_1+
Out_1−
Out_2+
Out_2−
Out_3+
Out_3−
Out_4+
Out_4−
1


Similar Part No. - CM1236

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1236-08DE ONSEMI-CM1236-08DE Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
More results

Similar Description - CM1236

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
   Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
California Micro Device...
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com