Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1224 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM1224
Description  2 and 4-Channel Low Capacitance ESD Protection Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1224 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CM1224 Datasheet HTML 3Page - ON Semiconductor CM1224 Datasheet HTML 4Page - ON Semiconductor CM1224 Datasheet HTML 5Page - ON Semiconductor CM1224 Datasheet HTML 6Page - ON Semiconductor CM1224 Datasheet HTML 7Page - ON Semiconductor CM1224 Datasheet HTML 8Page - ON Semiconductor CM1224 Datasheet HTML 9Page - ON Semiconductor CM1224 Datasheet HTML 10Page - ON Semiconductor CM1224 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CM1224
http://onsemi.com
8
PACKAGE DIMENSIONS
SOT−143
CASE 318A−06
ISSUE U
DIM
D
MIN
MAX
2.80
3.05
MILLIMETERS
E1
1.20
1.40
A
0.80
1.12
b
0.30
0.51
b1
0.76
0.94
e
1.92 BSC
L
0.35
0.70
c
0.08
0.20
L2
0.25 BSC
e1
0.20 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIM­
UM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PRO­
TRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS,
AND GATE BURRS SHALL NOT EXCEED 0.25 PER SIDE.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION. INTERLEAD FLASH AND PROTRUSION SHALL
NOT EXCEED 0.25 PER SIDE.
5. DIMENSIONS D AND E1 ARE DETERMINED AT DATUM H.
6. DATUMS A AND B ARE DETERMINED AT DATUM H.
A-B
M
0.20
D
C
A
0.10 C
SIDE VIEW
SEATING
PLANE
SOLDERING FOOTPRINT*
0.75
4X
DIMENSIONS: MILLIMETERS
0.54
1.92
3X
RECOMMENDED
A1
0.01
0.15
D
B
TOP VIEW
D
3X
b
E
b1
E1
e
e1
A
A1
C
c
END VIEW
H
c
SEATING
PLANE
L2
L
GAUGE
PLANE
DETAIL A
DETAIL A
2.70
0.20
0.96
E
2.10
2.64
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - CM1224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
Visual Communications C...
CM1224 VCC-CM1224 Datasheet
30Kb / 1P
   Base
logo
ON Semiconductor
CM1224-02SR ONSEMI-CM1224-02SR Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1224-04MR ONSEMI-CM1224-04MR Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1224-04SO ONSEMI-CM1224-04SO Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com